Electronic Components Datasheet Search
  English  ▼

X  

LTC3615 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3615
Description  Dual 4MHz, 3A Synchronous Step-Down DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3615 Datasheet(HTML) 4 Page - Linear Technology

  LTC3615 Datasheet HTML 1Page - Linear Technology LTC3615 Datasheet HTML 2Page - Linear Technology LTC3615 Datasheet HTML 3Page - Linear Technology LTC3615 Datasheet HTML 4Page - Linear Technology LTC3615 Datasheet HTML 5Page - Linear Technology LTC3615 Datasheet HTML 6Page - Linear Technology LTC3615 Datasheet HTML 7Page - Linear Technology LTC3615 Datasheet HTML 8Page - Linear Technology LTC3615 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3615

3615f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
jSW1–SW2
Output Phase Shift Between SW1
and SW2
VPHASE < 0.15 • SVIN
0
Deg
0.35 • SVIN < VPHASE < 0.65 • SVIN
90
Deg
VPHASE > 0.85 • SVIN
180
Deg
VSRLIM
Voltage at SRLIM to Enable DDR
Mode
(Note 9)
SVIN – 0.3
V
VMODE
(Note 9)
Internal Burst Mode Operation
0.3
V
Pulse-Skipping Mode
SVIN – 0.3
V
Forced Continuous Mode
1.1
SVIN • 0.58
V
External Burst Mode Operation
0.5
0.85
V
PGOOD
Power Good Voltage Windows
TRACK/SSx = SVIN, Entering Window
VFBx Ramping Up
VFBx Ramping Down
–3.5
3.5
–6
6
%
%
TRACK/SSx = SVIN, Leaving Window
VFBx Ramping Up
VFBx Ramping Down
9
–9
11
–11
%
%
tPGOOD
Power Good Blanking Time
Entering/Leaving Window
70
105
140
µs
RPGOOD
Power Good Pull-Down On-Resistance I = 10mA
8
12
30
Ω
VRUN
Enable Pin
Input High
Input Low
l
l
1
0.4
V
V
Pull-Down Resistance
4
MΩ
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3615 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3615E is guaranteed to meet performance specifications
over the 0°C to 85°C operating junction temperature range. Specifications
over the –40°C to 125°C operating junction temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTC3615I is guaranteed to meet specifications over the
full –40°C to 125°C operating junction temperature range. Note that
the maximum ambient temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance and other environmental factors. The junction
temperature (TJ, in °C) is calculated from the ambient temperature
(TA, in °C) and power dissipation (PD, in watts) according to the formula:
TJ = TA + (PD • θJA)
where
θJA (in °C/W) is the package thermal impedence.
Note 3: This parameter is tested in a feedback loop which servos VFB1,2 to
the midpoint for the error amplifier (VITH1,2 = 0.75V).
Note 4: External compensation on ITH pin.
Note 5: Tying the ITH pin to SVIN enables internal compensation and AVP
mode for the selected channel.
Note 6: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 7: See description of the TRACK/SS pin in the Pin Functions section.
Note 8: When sourcing current, the average output current is defined
as flowing out of the SW pin. When sinking current, the average output
current is defined as flowing into the SW pin. Sinking mode requires the
use of forced continuous mode.
Note 9: See description of the MODE pin in the Pin Functions section.
Note 10: Guaranteed by design and correlation to wafer level
measurements for QFN packages.
Note 11: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability or permanently damage the
device.
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), SVIN = PVINx = 3.3V, RT = 178k, RSRLIM = 40.2k, unless
otherwise specified (Notes 1, 2, 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com