Electronic Components Datasheet Search
  English  ▼

X  

LTC4219 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4219
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4219 Datasheet(HTML) 1 Page - Linear Technology

  LTC4219 Datasheet HTML 1Page - Linear Technology LTC4219 Datasheet HTML 2Page - Linear Technology LTC4219 Datasheet HTML 3Page - Linear Technology LTC4219 Datasheet HTML 4Page - Linear Technology LTC4219 Datasheet HTML 5Page - Linear Technology LTC4219 Datasheet HTML 6Page - Linear Technology LTC4219 Datasheet HTML 7Page - Linear Technology LTC4219 Datasheet HTML 8Page - Linear Technology LTC4219 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4219
1
4219f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
5A Integrated
Hot Swap Controller
The LTC®4219 is an integrated solution for Hot Swap™
applications that allows a board to be safely inserted and
removed from a live backplane. The part integrates a Hot
Swap controller, power MOSFET and current sense resistor
in a single package for small form factor applications.
The LTC4219 provides separate inrush current control
and a 10% accurate 5.6A current limit with foldback cur-
rent limiting. The current limit threshold can be adjusted
dynamically using an external pin. Additional features
include a current monitor output that amplifies the sense
resistor voltage for ground referenced current sensing
and a MOSFET temperature monitor output. Thermal limit
and power good monitoring are also provided. The power
good detection level and foldback current limit profile are
internally preset for 5V (LTC4219-5) and 12V (LTC4219-12)
applications.
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and Hot
Swap is a trademark of Linear Technology Corporation. All other trademarks are the property of
their respective owners.
12V, 5A Card Resident Application
n Small Footprint
n 33m
Ω MOSFET with RSENSE
n Available in Preset 12V and 5V Versions
n Adjustable, 10% Accurate Current Limit
n Current and Temperature Monitor Outputs
n Overtemperature Protection
n Adjustable Current Limit Timer Before Fault
n Power Good and Fault Outputs
n Adjustable Inrush Current Control
n Available in 16-Lead 5mm
× 3mm DFN Packages
n RAID Systems
n Server I/O Cards
n Industrial
Power-Up Waveforms
12V
VOUT
12V
5A
4219 TA01a
330μF
10k
VDD
TIMER
INTVCC
OUT
PG
GND
FLT
ISET
IMON
LTC4219DHC-12
EN2
EN1
+
20k
0.1μF
10k
ADC
12V
12V
VIN
10V/DIV
IIN
0.1A/DIV
VOUT
10V/DIV
PG
10V/DIV
20ms/DIV
4219 TA01b


Similar Part No. - LTC4219

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
678Kb / 20P
20A Guaranteed SOA Hot Swap Controller
logo
Analog Devices
LTC4219 AD-LTC4219 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Linear Technology
LTC4219CDHC-12PBF LINER-LTC4219CDHC-12PBF Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
LTC4219CDHC-12TRPBF LINER-LTC4219CDHC-12TRPBF Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
LTC4219CDHC-5PBF LINER-LTC4219CDHC-5PBF Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
More results

Similar Description - LTC4219

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
LTC4217 LINER-LTC4217 Datasheet
185Kb / 18P
2A Integrated Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC4232 LINER-LTC4232_15 Datasheet
738Kb / 16P
5A Integrated Hot Swap Controller
LTC4232-1 LINER-LTC4232-1_15 Datasheet
564Kb / 16P
5A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_15 Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4217 LINER-LTC4217_15 Datasheet
248Kb / 18P
2A Integrated Hot Swap Controller
LTC4219 LINER-LTC4219_V01 Datasheet
277Kb / 18P
5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com