Electronic Components Datasheet Search
  English  ▼

X  

LTC4219 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4219
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4219 Datasheet(HTML) 3 Page - Linear Technology

  LTC4219 Datasheet HTML 1Page - Linear Technology LTC4219 Datasheet HTML 2Page - Linear Technology LTC4219 Datasheet HTML 3Page - Linear Technology LTC4219 Datasheet HTML 4Page - Linear Technology LTC4219 Datasheet HTML 5Page - Linear Technology LTC4219 Datasheet HTML 6Page - Linear Technology LTC4219 Datasheet HTML 7Page - Linear Technology LTC4219 Datasheet HTML 8Page - Linear Technology LTC4219 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4219
3
4219f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
VDD
Input Supply Range
l
2.9
15
V
IDD
Input Supply Current
MOSFET On, No Load
l
1.6
3
mA
VDD(UVL)
Input Supply Undervoltage Lockout
VDD Rising
l
2.65
2.73
2.85
V
VOUT(PGTH)
Output Power Good Threshold
LTC4219-12, VOUT Rising
l
10.2
10.5
10.8
V
LTC4219-5, VOUT Rising
l
4.2
4.35
4.5
V
ΔVOUT(PGHYST)
Output Power Good Hysteresis
LTC4219-12
l
127
170
213
mV
LTC4219-5
l
53
71
89
mV
IOUT
OUT Pin Leakage Current
VOUT = VGATE = 0V, VDD = 15V
l
0±150
μA
VOUT = VGATE = 12V, LTC4219-12
l
50
70
90
μA
VOUT = VGATE = 5V, LTC4219-5
l
26
36
46.5
μA
ΔVGATE/Δt
GATE Pin Turn-On Ramp Rate
l
0.15
0.3
0.55
V/ms
RON
MOSFET + Sense Resistor On Resistance
l
15
33
50
m
Ω
ILIM(TH)
Current Limit Threshold
VFB = 1.23V
l
5.0
5.6
6.1
A
VFB = 0V
l
1.2
1.5
1.8
A
VFB = 1.23V, RSET = 20kΩ
l
2.6
2.9
3.3
A
Inputs
IIN
EN1, EN2 Pin Input Current
VIN = 1.2V
l
0±1
μA
RFB
FB Pin Input Resistance
LTC4219-12
LTC4219-5
l
l
13
20
18
29
23
37
kΩ
kΩ
VTH
EN1, EN2, FB Pin Threshold Voltage
VIN Rising
l
1.21
1.235
1.26
V
ΔVEN(HYST)
EN1, EN2 Pin Hysteresis
l
50
80
110
mV
ΔVFB(HYST)
FB Pin Power Good Hysteresis
l
10
20
30
mV
RISET
ISET Pin Output Resistor
l
19
20
21
k
Ω
Outputs
VINTVCC
INTVCC Output Voltage
VDD = 5V, 15V
ILOAD = 0mA, –10mA
l
2.8
3.0
3.2
V
VOL
PG, FLT Pin Output Low Voltage
IOUT = 2mA
l
0.4
0.8
V
IOH
PG, FLT Pin Input Leakage Current
VOUT = 30V
l
0
±10
μA
VTIMER(H)
TIMER Pin High Threshold
VTIMER Rising
l
1.2
1.235
1.28
V
VTIMER(L)
TIMER Pin Low Threshold
VTIMER Falling
l
0.1
0.21
0.3
V
ITIMER(UP)
TIMER Pin Pull-Up Current
VTIMER = 0V
l
–80
–100
–120
μA
ITIMER(DN)
TIMER Pin Pull-Down Current
VTIMER = 1.2V
l
1.4
2
2.6
μA
ITIMER(RATIO)
TIMER Pin Current Ratio ITIMER(DN)/ITIMER(UP)
l
1.6
2
2.7
%
AIMON
IMON Pin Current Gain
IOUT = 5A
l
18.5
20
21.5
μA/A
IOFF(IMON)
IMON Pin Offset Current
IOUT = 330mA
l
0
±4.5
μA
IGATE(UP)
Gate Pull-Up Current
Gate Drive On, VGATE = VOUT = 12V
l
–19
–24
–29
μA
IGATE(DN)
Gate Pull-Down Current
Gate Drive Off, VGATE = 18V, VOUT = 12V
l
190
250
340
μA
IGATE(FST)
Gate Fast Pull-Down Current
Fast Turn Off, VGATE = 18V, VOUT = 12V
140
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com