Electronic Components Datasheet Search
  English  ▼

X  

LTC4219 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4219
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4219 Datasheet(HTML) 4 Page - Linear Technology

  LTC4219 Datasheet HTML 1Page - Linear Technology LTC4219 Datasheet HTML 2Page - Linear Technology LTC4219 Datasheet HTML 3Page - Linear Technology LTC4219 Datasheet HTML 4Page - Linear Technology LTC4219 Datasheet HTML 5Page - Linear Technology LTC4219 Datasheet HTML 6Page - Linear Technology LTC4219 Datasheet HTML 7Page - Linear Technology LTC4219 Datasheet HTML 8Page - Linear Technology LTC4219 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4219
4
4219f
IDD vs VDD
INTVCC Load Regulation
EN1, EN2 Low Threshold
vs Temperature
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a maximum of 6.5V
above OUT. Driving this pin to voltages beyond the clamp may damage the
device.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 12V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Characteristics
tPHL(GATE)
Input High (EN1, EN2) to Gate Low
Propagation Delay
VGATE < 16.5V Falling
l
810
μs
tPHL(ILIM)
Short Circuit to Gate Low
VFB = 0, Step ISENSE to 3A,
VGATE < 16.5V Falling
l
15
μs
tD(ON)
Turn-On Delay
Step VEN1 and VEN2 to 0V, VGATE > 13V
l
50
100
150
ms
tD(CB)
Circuit Breaker Filter Delay Time (Internal)
VFB = 0V, Step ISENSE to 3A
l
1.5
2
2.7
ms
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the formula:
TJ = TA + (PD • 43°C/W)
VDD (V)
0
1.0
1.2
1.4
1.6
1.8
2.0
5
101520
4219 G01
25
30
–40°C
25°C
85°C
ILOAD (mA)
0
0
0.5
1.5
1.0
3.5
2.0
2.5
3.0
4219 G02
–14
–12
–10
–8
–6
–4
–2
VDD = 5V
VDD = 3.3V
TEMPERATURE (°C)
–50
1.234
1.232
1.230
1.228
1.226
–25
0
25
4219 G03
50
75
100
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VDD = 12V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com