Electronic Components Datasheet Search
  English  ▼

X  

LTC4219 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4219
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4219 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4219 Datasheet HTML 8Page - Linear Technology LTC4219 Datasheet HTML 9Page - Linear Technology LTC4219 Datasheet HTML 10Page - Linear Technology LTC4219 Datasheet HTML 11Page - Linear Technology LTC4219 Datasheet HTML 12Page - Linear Technology LTC4219 Datasheet HTML 13Page - Linear Technology LTC4219 Datasheet HTML 14Page - Linear Technology LTC4219 Datasheet HTML 15Page - Linear Technology LTC4219 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4219
14
4219f
APPLICATIONS INFORMATION
The power good threshold using the internal resistive
divider on the FB pin matches the 10.5V requirement.
The final schematic in Figure 5 results in very few external
components. The pull-up resistors, R1 and R3, connect
to the FLT and PG pins while the 20k (R2) converts the
IMON current to a voltage at a ratio:
VIMON = 20 µA/A
⎡⎣
⎤⎦ •20k •IOUT = 0.4 V/A
⎡⎣ ⎤⎦ •IOUT
In addition there is a 0.1μF bypass (C1) on the INTVCC pin.
Layout Considerations
In Hot Swap applications where load currents can be 5A,
narrow PCB tracks exhibit more resistance than wider tracks
and operate at elevated temperatures. The minimum trace
width for 1oz copper foil is 0.02" per amp to make sure
the trace stays at a reasonable temperature. Using 0.03"
per amp or wider is recommended. Note that 1oz copper
exhibits a sheet resistance of about 0.5m
Ω/square. Small
resistances add up quickly in high current applications.
There are two VDD pins on opposite sides of the package
that connect to the sense resistor and MOSFET. The PCB
layout should be balanced and symmetrical to each VDD
pin to balance current in the MOSFET bond wires. Figure 6
shows a recommended layout for the LTC4219.
Although the MOSFET is self protected from overtem-
perature, it is recommended to solder the backside of the
package to a copper trace to provide a good heat sink. Note
that the backside is connected to the SENSE pin and can-
not be soldered to the ground plane. During normal loads
the power dissipated in the package is as high as 1.9W. A
10mm
× 10mm area of 1oz copper should be sufficient.
This area of copper can be divided in many layers.
It is also important to put C1, the bypass capacitor for
the INTVCC pin as close as possible between the INTVCC
and GND.
Figure 6. Recommended Layout
4217 F06
HEAT SINK
VIA TO
SINK
GND
C
OUT
VDD
CT
0.1μF
5V
5V
RMON
20k
4219 F07
R2
10k
5V
R1
10k
CL
100μF
VDD
EN1
EN2
OUT
PG
GND
IMON
LTC4219DHC-5
INTVCC
TIMER
FLT
+
VOUT
5V
5A
ADC
Additional Applications
The LTC4219 has a wide operating range from 2.9V to 15V.
The PG threshold is set with an internal resistive divider.
All other functions are independent of supply voltage.
Figure 7 shows a 5V application with a PG threshold of
4.35V.
In addition to Hot Swap applications, the LTC4219 also
functions as a backplane resident switch for removable
load cards (see the Typical Application section).
Figure 7. 5V, 5A Card Resident Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com