Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 7Page - Texas Instruments TPS22921 Datasheet HTML 8Page - Texas Instruments TPS22921 Datasheet HTML 9Page - Texas Instruments TPS22921 Datasheet HTML 10Page - Texas Instruments TPS22921 Datasheet HTML 11Page - Texas Instruments TPS22921 Datasheet HTML 12Page - Texas Instruments TPS22921 Datasheet HTML 13Page - Texas Instruments TPS22921 Datasheet HTML 14Page - Texas Instruments TPS22921 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Temperature (°C)
0
50
100
150
200
250
300
–40
25
85
0
25
50
75
100
125
150
175
200
225
250
275
–40
25
85
Temperature (°C)
Input Voltage, V
(V)
IN
0
20
40
60
80
100
120
140
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Input Voltage, V
(V)
IN
0
20
40
60
80
100
120
140
160
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TPS22921, TPS22922, TPS22922B
www.ti.com........................................................................................................................................ SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 6. Quiescent Current vs. Temperature
Figure 7. IIN Leakage Current vs. Temperature (VIN = 3.3 V)
(VIN = 3.3 V, IOUT = 0 mA)
Figure 8. Leakage Current vs VIN
Figure 9. IIN (OFF) vs VIN (VON = 0 V)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com