Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 12Page - Texas Instruments TPS22921 Datasheet HTML 13Page - Texas Instruments TPS22921 Datasheet HTML 14Page - Texas Instruments TPS22921 Datasheet HTML 15Page - Texas Instruments TPS22921 Datasheet HTML 16Page - Texas Instruments TPS22921 Datasheet HTML 17Page - Texas Instruments TPS22921 Datasheet HTML 18Page - Texas Instruments TPS22921 Datasheet HTML 19Page - Texas Instruments TPS22921 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Time ( s)
µ
–500
0
500
1000
1500
2000
2500
3000
3500
4000
4500
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
–0.30
–0.20
–0.10
–0.40
0.006
0.005
0.004
0.003
0.001
0.002
0.000
–0.001
–0.002
R = 500
V
= 1 V
C = 3.3 F
L
IN
L
W
µ
IOUT
VON
Time ( s)
µ
–20
0.0
20
40
60
80
100
120
140
160
180
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0.00
–0.30
–0.20
–0.10
–0.40
0.12
0.11
0.10
0.09
0.08
0.07
0.06
0.02
0.05
0.01
0.04
0.00
–0.01
0.03
–0.03
–0.02
–0.04
R = 10
V
= 1 V
C = 3.3 F
L
IN
L
W
µ
IOUT
VON
TPS22922
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–0.4
0.0
–0.6
–0.2
–0.8
–1.0
0.03
0.02
0.01
0.00
–0.01
R = 500
V
= 3.3 V
C = 0.1 F
L
IN
L
W
µ
ON = 1.8 V
I
= 6.6 mA
OUT
t
= 8 µs
OFF
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–0.4
0.0
–0.6
–0.2
–0.8
–1.0
0.03
0.02
0.01
0.00
–0.01
R = 500
V
= 3.3 V
C = 1 F
L
IN
L
W
µ
I
= 6.6 mA
OUT
ON = 1.8 V
t
= 50 µs
OFF
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–0.4
0.0
–0.6
–0.2
–0.8
–1.0
0.03
0.02
0.01
0.00
–0.01
R = 500
V
= 3.3 V
C = 3 F
L
IN
L
W
µ
I
= 6.6 mA
OUT
ON = 1.8 V
t
= 90 µs
OFF
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
–0.1
0.1
–0.2
0.0
–0.3
–0.4
0.01
0.00
R = 500
V
= 1 V
C = 0.1 F
L
IN
L
W
µ
I
= 2 mA
OUT
ON = 0.85 V
t
= 20 µs
OFF
TPS22921, TPS22922, TPS22922B
SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 29. tOFF Response
Figure 30. tOFF Response
Figure 31. tOFF Response
Figure 32. tOFF Response
Figure 33. tOFF Response
Figure 34. tOFF Response
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com