Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 14Page - Texas Instruments TPS22921 Datasheet HTML 15Page - Texas Instruments TPS22921 Datasheet HTML 16Page - Texas Instruments TPS22921 Datasheet HTML 17Page - Texas Instruments TPS22921 Datasheet HTML 18Page - Texas Instruments TPS22921 Datasheet HTML 19Page - Texas Instruments TPS22921 Datasheet HTML 20Page - Texas Instruments TPS22921 Datasheet HTML 21Page - Texas Instruments TPS22921 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Time ( s)
µ
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
5.00
4.50
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
–0.50
–1.00
–1.50
–2.00
–2.50
–3.00
IOUT
VON
R = 500
V
= 1 V
C = 0.1 F
L
IN
L
W
µ
Time ( s)
µ
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
249.9
220.0
200.0
180.0
160.0
140.0
120.0
100.0
80.0
60.0
40.0
20.0
0.00
–40.0
–20.0
–60.0
–80.0
–100.0
–120.0
–150.0
IOUT
VON
R = 10
V
= 1 V
C = 0.1 F
L
IN
L
W
µ
Time( s)
µ
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
3.50
–1.00
–1.50
–2.00
–2.50
–3.00
IOUT
VON
R =500
V
=1V
C =3.3 F
L
IN
L
W
µ
5.00
4.50
4.00
3.00
2.50
2.00
1.50
1.00
0.50
0.00
–0.50
Time( s)
µ
–500
0
500
1000
1500
2000
2500
3000
3500
4000
4500
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
249.9
220.0
200.0
180.0
160.0
140.0
120.0
100.0
80.0
60.0
40.0
20.0
0.00
–40.0
–20.0
–60.0
–80.0
–100.0
–120.0
–150.0
IOUT
VON
R =10
V
=1V
C =3.3 F
L
IN
L
W
µ
Time( s)
µ
–10
0
10
20
30
40
50
60
70
80
90
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
499.9
450.0
400.0
350.0
300.0
250.0
200.0
150.0
100.0
50.0
0.00
–50.0
–100.0
–150.0
–200.0
–250.0
–300.0
IOUT
VON
R =10
V
=3.3V
C =0.1 F
L
IN
L
W
µ
Time( s)
µ
–10
0
10
20
30
40
50
60
70
80
90
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
10.00
9.00
8.00
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
–1.00
–2.00
–3.00
–4.00
–5.00
–6.00
IOUT
VON
R =500
V
=3.3V
C =0.1 F
L
IN
L
W
µ
TPS22921, TPS22922, TPS22922B
SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 41. tON Response
Figure 42. tON Response
Figure 43. tON Response
Figure 44. tON Response
Figure 45. tOFF Response
Figure 46. tOFF Response
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com