Electronic Components Datasheet Search
  English  ▼

X  

TPS22921 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22921
Description  LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22921 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS22921 Datasheet HTML 15Page - Texas Instruments TPS22921 Datasheet HTML 16Page - Texas Instruments TPS22921 Datasheet HTML 17Page - Texas Instruments TPS22921 Datasheet HTML 18Page - Texas Instruments TPS22921 Datasheet HTML 19Page - Texas Instruments TPS22921 Datasheet HTML 20Page - Texas Instruments TPS22921 Datasheet HTML 21Page - Texas Instruments TPS22921 Datasheet HTML 22Page - Texas Instruments TPS22921 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Time( s)
µ
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
10.00
9.00
8.00
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
–1.00
–2.00
–3.00
–4.00
–5.00
–6.00
IOUT
VON
R =500
V
=3.3V
C =3.3 F
L
IN
L
W
µ
Time( s)
µ
–50
0
50
100
150
200
250
300
350
400
450
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
499.9
450.0
400.0
350.0
300.0
250.0
200.0
150.0
100.0
50.0
0.00
–50.0
–100.0
–150.0
–200.0
–250.0
–300.0
IOUT
VON
R =10
V
=3.3V
C =3.3 F
L
IN
L
W
µ
Time( s)
µ
–10
0
10
20
30
40
50
60
70
80
90
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
5.00
4.50
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
–0.50
–1.00
–1.50
–2.00
–2.50
–3.00
IOUT
VON
R =500
V
=1V
C =0.1 F
L
IN
L
W
µ
Time( s)
µ
–10
0
10
20
30
40
50
60
70
80
90
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
249.9
220.0
200.0
180.0
160.0
140.0
120.0
100.0
80.0
40.0
60.0
20.0
0.00
–20.0
–40.0
–60.0
–80.0
–100.0
–120.0
–150.0
IOUT
VON
R =10
V
=1V
C =0.1 F
L
IN
L
W
µ
Time( s)
µ
–200
0
200
400
600
800
1000
1200
1400
1600
1800
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
3.50
–1.00
–1.50
–2.00
–2.50
–3.00
IOUT
VON
R =500
V
=1V
C =3.3 F
L
IN
L
W
µ
5.00
4.50
4.00
3.00
2.50
2.00
1.50
1.00
0.50
0.00
–0.50
Time( s)
µ
–50
0
50
100
150
200
250
300
350
400
450
2.50
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
–0.20
–0.60
–1.00
–0.40
–0.80
–1.20
–1.40
–1.50
249.9
220.0
200.0
180.0
160.0
140.0
120.0
100.0
80.0
40.0
60.0
20.0
0.00
–20.0
–40.0
–60.0
–80.0
–100.0
–120.0
–150.0
IOUT
VON
R =10
V
=1V
C =3.3 F
L
IN
L
W
µ
TPS22921, TPS22922, TPS22922B
www.ti.com........................................................................................................................................ SLVS749A – NOVEMBER 2008 – REVISED DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
Figure 47. tOFF Response
Figure 48. tOFF Response
Figure 49. tOFF Response
Figure 50. tOFF Response
Figure 51. tOFF Response
Figure 52. tOFF Response
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS22921 TPS22922 TPS22922B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com