Electronic Components Datasheet Search
  English  ▼

X  

PIC16F Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 28Page - Microchip Technology PIC16F Datasheet HTML 29Page - Microchip Technology PIC16F Datasheet HTML 30Page - Microchip Technology PIC16F Datasheet HTML 31Page - Microchip Technology PIC16F Datasheet HTML 32Page - Microchip Technology PIC16F Datasheet HTML 33Page - Microchip Technology PIC16F Datasheet HTML 34Page - Microchip Technology PIC16F Datasheet HTML 35Page - Microchip Technology PIC16F Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
PIC16F/LF182X/PIC12F/LF1822
DS41390C-page 32
Advance Information
 2010 Microchip Technology Inc.
8.0
ELECTRICAL SPECIFICATIONS
Refer to device specific data sheet for absolute
maximum ratings.
TABLE 8-1:
AC/DC CHARACTERISTICS TIMING REQUIREMENTS FOR PROGRAM/VERIFY MODE
AC/DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
 TA +85°C
Sym.
Characteristics
Min.
Typ.
Max.
Units
Conditions/Comments
Supply Voltages and Currents
VDD
VDD
Read/Write and Row Erase
operations
PIC12F1822
PIC16F182X
2.1
—
5.5
V
PIC12LF1822
PIC16LF182X
2.1
—
3.6
V
Bulk Erase operations
PIC12F1822
PIC16F182X
2.7
—
5.5
V
PIC12LF1822
PIC16LF182X
2.7
—
3.6
V
IDDI
Current on VDD, Idle
—
—
1.0
mA
IDDP
Current on VDD, Programming
—
—
3.0
mA
IPP
VPP
Current on MCLR/VPP
—
—
600
A
VIHH
High voltage on MCLR/VPP for
Program/Verify mode entry
8.0
—
9.0
V
TVHHR
MCLR rise time (VIL to VIHH) for
Program/Verify mode entry
——
1.0
s
I/O pins
VIH
(ICSPCLK, ICSPDAT, MCLR/VPP) input high
level
0.8 VDD
——
V
VIL
(ICSPCLK, ICSPDAT, MCLR/VPP) input low level
—
—
0.2 VDD
V
VOH
ICSPDAT output high level
VDD-0.7
VDD-0.7
VDD-0.7
——
V
IOH = 3.5 mA, VDD = 5V
IOH = 3 mA, VDD = 3.3V
IOH = 2 mA, VDD = 1.8V
VOL
ICSPDAT output low level
——
VSS+0.6
VSS+0.6
VSS+0.6
V
IOH = 8 mA, VDD = 5V
IOH = 6 mA, VDD = 3.3V
IOH = 3 mA, VDD = 1.8V
Programming Mode Entry and Exit
TENTS
Programing mode entry setup time: ICSPCLK,
ICSPDAT setup time before VDD or MCLR
100
—
—
ns
TENTH
Programing mode entry hold time: ICSPCLK,
ICSPDAT hold time after VDD or MCLR
250
—
—
s
Serial Program/Verify
TCKL
Clock Low Pulse Width
100
—
—
ns
TCKH
Clock High Pulse Width
100
—
—
ns
TDS
Data in setup time before clock
100
—
—
ns
TDH
Data in hold time after clock
100
—
—
ns
TCO
Clock
 to data out valid (during a
Read Data command)
0
—
80
ns
TLZD
Clock
 to data low-impedance (during a
Read Data command)
0
—
80
ns
THZD
Clock
 to data high-impedance (during a
Read Data command)
0
—
80
ns
TDLY
Data input not driven to next clock input (delay
required between command/data or
command/command)
1.0
—
—
s
TERAB
Bulk Erase cycle time
—
—
5
ms
TERAR
Row Erase cycle time
—
—
2.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com