Electronic Components Datasheet Search
  English  ▼

X  

PIC16F Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 7Page - Microchip Technology PIC16F Datasheet HTML 8Page - Microchip Technology PIC16F Datasheet HTML 9Page - Microchip Technology PIC16F Datasheet HTML 10Page - Microchip Technology PIC16F Datasheet HTML 11Page - Microchip Technology PIC16F Datasheet HTML 12Page - Microchip Technology PIC16F Datasheet HTML 13Page - Microchip Technology PIC16F Datasheet HTML 14Page - Microchip Technology PIC16F Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41390C-page 11
PIC16F/LF182X/PIC12F/LF1822
REGISTER 3-3:
CONFIGURATION WORD 2
R/P-1
R/P-1
U-1
R/P-1
R/P-1
R/P-1
U-1
LVP
DEBUG
—
BORV
STVREN
PLLEN
—
bit 13
bit 7
U-1
U-1
R-1
U-1
U-1
R/P-1
R/P-1
—
—
RESERVED(2)
—
—
WRT1
WRT0
bit 6
bit 0
Legend:
W = Writable bit
‘0’ = Bit is cleared
R = Readable bit
‘1’ = Bit is set
x = Bit is unknown
-n = Value at POR
U = Unimplemented bit, read as ‘0’
P = Programmable Bit
bit 13
LVP: Low-Voltage Programming Enable bit(1)
1 = Low-voltage programming enabled
0 = HV on MCLR/VPP must be used for programming
bit 12
DEBUG: In-Circuit Debugger Mode bit
1 = In-Circuit Debugger disabled, ICSPCLK and ICSPDAT are general purpose I/O pins
0 = In-Circuit Debugger enabled, ICSPCLK and ICSPDAT are dedicated to the debugger
bit 11
Unimplemented: Read as ‘1’
bit 10
BORV: Brown-out Reset Voltage Selection bit
1 = Brown-out Reset voltage set to 1.9V
0 = Brown-out Reset voltage set to 2.7V
bit 9
STVREN: Stack Overflow/Underflow Reset Enable bit
1 = Stack overflow or underflow will cause a Reset
0 = Stack overflow or underflow will not cause a Reset
bit 8
PLLEN: PLL Enable bit
1 = 4xPLL enabled
0 = 4xPLL disabled
bit 7-5
Unimplemented: Read as ‘1’
bit 4
Reserved: Read as ‘1’(2)
bit 3-2
Unimplemented: Read as ‘1’
bit 1-0
WRT<1:0>: Flash Memory Self-Write Protection bits
2 kW Flash memory (PIC16F1826/PIC16LF1826):
11 = Write protection off
10 = 000h to 1FFh write-protected, 200h to 7FFh may be modified by EECON control
01 = 000h to 3FFh write-protected, 400h to 7FFh may be modified by EECON control
00 = 000h to 7FFh write-protected, no addresses may be modified by EECON control
4 kW Flash memory (PIC16F1827/PIC16LF1827):
11 = Write protection off
10 = 000h to 1FFh write-protected, 200h to FFFh may be modified by EECON control
01 = 000h to 7FFh write-protected, 800h to FFFh may be modified by EECON control
00 = 000h to FFFh write-protected, no addresses may be modified by EECON control
Note 1:
The LVP bit cannot be programmed to ‘0’ when Programming mode is entered via LVP.
2:
This bit must be programmed as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com