Electronic Components Datasheet Search
  English  ▼

X  

PIC16F Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16F Datasheet HTML 4Page - Microchip Technology PIC16F Datasheet HTML 5Page - Microchip Technology PIC16F Datasheet HTML 6Page - Microchip Technology PIC16F Datasheet HTML 7Page - Microchip Technology PIC16F Datasheet HTML 8Page - Microchip Technology PIC16F Datasheet HTML 9Page - Microchip Technology PIC16F Datasheet HTML 10Page - Microchip Technology PIC16F Datasheet HTML 11Page - Microchip Technology PIC16F Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
PIC16F/LF182X/PIC12F/LF1822
DS41390C-page 8
Advance Information
 2010 Microchip Technology Inc.
3.1
User ID Location
A user may store identification information (user ID) in
four designated locations. The user ID locations are
mapped to 8000h-8003h. Each location is 14 bits in
length. Code protection has no effect on these memory
locations. Each location may be read with code
protection enabled or disabled.
3.2
Device ID
The device ID word is located at 8006h. This location is
read-only and cannot be erased or modified.
Note:
MPLAB® IDE only displays the 7 Least
Significant bits (LSb) of each user ID
location, the upper bits are not read. It is
recommended that only the 7 LSb’s be
used if MPLAB IDE is the primary tool
used to read these addresses.
REGISTER 3-1:
DEVICE ID: DEVICE ID REGISTER(1)
R
RRRR
RR
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
DEV2
bit 13
bit 7
R
RRRR
RR
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
bit 6
bit 0
Legend:
P = Programmable bit
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
‘0’ = Bit is cleared
-n = Value at POR
‘1’ = Bit is set
x = Bit is unknown
bit 13-5
DEV<8:0>: Device ID bits
These bits are used to identify the part number.
bit 4-0
REV<4:0>: Revision ID bits
These bits are used to identify the revision.
Note 1:
This location cannot be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com