Electronic Components Datasheet Search
  English  ▼

X  

PIC16F Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16F
Description  PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F Datasheet(HTML) 1 Page - Microchip Technology

  PIC16F Datasheet HTML 1Page - Microchip Technology PIC16F Datasheet HTML 2Page - Microchip Technology PIC16F Datasheet HTML 3Page - Microchip Technology PIC16F Datasheet HTML 4Page - Microchip Technology PIC16F Datasheet HTML 5Page - Microchip Technology PIC16F Datasheet HTML 6Page - Microchip Technology PIC16F Datasheet HTML 7Page - Microchip Technology PIC16F Datasheet HTML 8Page - Microchip Technology PIC16F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41390C-page 1
This document includes the
programming specifications for the
following devices:
1.0
OVERVIEW
The PIC16F/LF182X and PIC12F/LF1822 devices can
be programmed using either the high-voltage In-Circuit
Serial Programming™ (ICSP™) method or the low-
voltage ICSP™ method.
1.1
Hardware Requirements
1.1.1
HIGH-VOLTAGE ICSP
PROGRAMMING
In High-Voltage ICSP™ mode, these devices require
two programmable power supplies: one for VDD and
one for the MCLR/VPP pin.
1.1.2
LOW-VOLTAGE ICSP
PROGRAMMING
In Low-Voltage ICSP™ mode, these devices can be
programmed using a single VDD source in the
operating range. The MCLR/VPP pin does not have to
be brought to a different voltage, but can instead be left
at the normal operating voltage.
1.1.2.1
Single-Supply ICSP Programming
The LVP bit in Configuration Word 2 enables single-
supply (low-voltage) ICSP programming. The LVP bit
defaults to a ‘1’ (enabled) from the factory. The LVP bit
may only be programmed to ‘0’ by entering the High-
Voltage ICSP mode, where the MCLR/VPP pin is raised
to VIHH. Once the LVP bit is programmed to a ‘0’, only
the High-Voltage ICSP mode is available and only the
High-Voltage ICSP mode can be used to program the
device.
• PIC12F1822
• PIC12LF1822
• PIC16F1823
• PIC16LF1823
• PIC16F1824
• PIC16LF1824
• PIC16F1825
• PIC16LF1825
• PIC16F1826
• PIC16LF1826
• PIC16F1827
• PIC16LF1827
• PIC16F1828
• PIC16LF1828
• PIC16F1829
• PIC16LF1829
Note 1: The High-Voltage ICSP mode is always
available, regardless of the state of the
LVP bit, by applying VIHH to the
MCLR/VPP pin.
2: While in Low-Voltage ICSP mode, MCLR
is always enabled, regardless of the
MCLRE bit, and the port pin can no longer
be used as a general purpose input.
PIC16F/LF182X/PIC12F/LF1822 Memory Programming Specification
PIC16F/LF182X/PIC12F/LF1822


Similar Part No. - PIC16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F-E/ML MICROCHIP-PIC16F-E/ML Datasheet
2Mb / 178P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F-E/P MICROCHIP-PIC16F-E/P Datasheet
2Mb / 178P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F-E/SO MICROCHIP-PIC16F-E/SO Datasheet
2Mb / 178P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F-E/SS MICROCHIP-PIC16F-E/SS Datasheet
2Mb / 178P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F-I/ML MICROCHIP-PIC16F-I/ML Datasheet
2Mb / 178P
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
More results

Similar Description - PIC16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C84 MICROCHIP-PIC16C84 Datasheet
111Kb / 14P
EEPROM Memory Programming Specification
1996
PIC17CXX MICROCHIP-PIC17CXX Datasheet
137Kb / 16P
EPROM Memory Programming Specification
1996
HCSXXX MICROCHIP-HCSXXX Datasheet
395Kb / 28P
Memory Programming Specification
2004
PIC16F72 MICROCHIP-PIC16F72_1 Datasheet
151Kb / 14P
FLASH Memory Programming Specification
2002
PIC16F87 MICROCHIP-PIC16F87_1 Datasheet
402Kb / 24P
Flash Memory Programming Specification
2002 - 2003
PIC16C50X MICROCHIP-PIC16C50X Datasheet
191Kb / 14P
EPROM Memory Programming Specification
2001
PIC16F87X MICROCHIP-PIC16F87X_02 Datasheet
199Kb / 22P
EEPROM Memory Programming Specification
2002
PIC18F2XK20 MICROCHIP-PIC18F2XK20 Datasheet
544Kb / 42P
Flash Memory Programming Specification
03/26/09 2009
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
593Kb / 44P
Flash Memory Programming Specification
11/29/11 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com