Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3402 Datasheet HTML 1Page - National Semiconductor (TI) LM3402 Datasheet HTML 2Page - National Semiconductor (TI) LM3402 Datasheet HTML 3Page - National Semiconductor (TI) LM3402 Datasheet HTML 4Page - National Semiconductor (TI) LM3402 Datasheet HTML 5Page - National Semiconductor (TI) LM3402 Datasheet HTML 6Page - National Semiconductor (TI) LM3402 Datasheet HTML 7Page - National Semiconductor (TI) LM3402 Datasheet HTML 8Page - National Semiconductor (TI) LM3402 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
30061606
FIGURE 5. I
SENSE Current Waveform
Using figures 3 and 5 and the equations of a line, calculate
I
LED-MIN.
Where
I
F = ILED-Average
The delta of the inductor current is given by:
There is a 220 ns delay (t
D) from the time that the current
sense comparator trips to the time at which the control MOS-
FET actually turns on. We can solve for i
TARGET knowing there
is a delay.
Δi
D is the magnitude of current beyond the target current and
equal to:
Therefore:
The point at which you want the current sense comparator to
give the signal to turn on the FET equals:
i
TARGET x RSNS = 0.20V
Therefore:
Finally R
SNS can be calculated.
Standard On-Time Set Calculation
The control MOSFET on-time is variable, and is set with an
external resistor R
ON (R2 from Figure1). On-time is governed
by the following equation:
Where
k = 1.34 x 10-10
At the conclusion of t
ON the control MOSFET turns off for a
minimum OFF time (t
OFF-MIN) of 300 ns, and once tOFF-MIN is
complete the CS comparator compares V
SNS and VREF again,
waiting to begin the next cycle.
The LM3402 / 04 have minimum ON and OFF time limitations.
The minimum on time (t
ON) is 300 ns, and the minimum al-
lowed off time (t
OFF) is 300 ns.
Designing for the highest switching frequency possible
means that you will need to know when minimum ON and OFF
times are observed.
Minimum OFF time will be seen when the input voltage is at
its lowest allowed voltage, and the output voltage is at its
maximum voltage (greatest number of series LEDs).
The opposite condition needs to be considered when design-
ing for minimum ON time. Minimum ON time is the point at
which the input voltage is at its maximum allowed voltage, and
the output voltage is at its lowest value.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com