Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM3402 Datasheet HTML 10Page - National Semiconductor (TI) LM3402 Datasheet HTML 11Page - National Semiconductor (TI) LM3402 Datasheet HTML 12Page - National Semiconductor (TI) LM3402 Datasheet HTML 13Page - National Semiconductor (TI) LM3402 Datasheet HTML 14Page - National Semiconductor (TI) LM3402 Datasheet HTML 15Page - National Semiconductor (TI) LM3402 Datasheet HTML 16Page - National Semiconductor (TI) LM3402 Datasheet HTML 17Page - National Semiconductor (TI) LM3402 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Bill of Materials
Part ID
Part Value
Mfg
Part Number
U1
1A Buck LED Driver PSOP pkg
NSC
LM3404
C1, Input Cap
10 µF, 25V, X5R
TDK
C3225X5R1E106M
C2, C6 Cap
1 µF, 16V, X5R
TDK
C1608X5R1C105M
C3, V
BOOST Cap
0.1 µF, X5R
TDK
C1608X5R1H104M
C4 Output Cap
10 µF, 25V, X5R (Optional)
TDK
C3225X5R1E106M
C5, V
RON Cap
0.01 µF, X5R
TDK
C1608X5R1H103M
D1, Catch Diode
0.5V
f Schottky 2A, 30VR
Diodes INC
B230
D2
Dual SMT small signal
Diodes INC
BAV199
L1
33 µH
CoilCraft
D01813H-333
R1A, R1B
0.62Ω 1% 0.25W 1206
ROHM
MCR18EZHFLR620
R2
47.5 k
Ω 1%
Vishay
CRCW08054752F
R3
1.0 k
Ω, 1%
Vishay
CRCW08051001F
R4, R5
1Ω, 1%
Vishay
CRCW08051R00F
R6
10 k
Ω, 1%
Vishay
CRCW08051002F
Q1
SOT23 PNP
Diodes INC
MMBT3906
Q4
SOT23-6 N-CH 2.4A, 20V
ZETEX
ZXMN2A01E6
Q3
SC70-6, P + N Channel
Vishay
Si1539DL
Test Points
Connector
Keystone
1502-2
VIN, GND, LED+, LED-
Connector
Keystone
575-8
JMP-1
Jumper
Molex
22-28-4023
J15
50Ω BNC
Amphenol
112538
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com