Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  LM3402/LM3404 Fast Dimming and True Constant LED Current Evaluation Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3402 Datasheet HTML 1Page - National Semiconductor (TI) LM3402 Datasheet HTML 2Page - National Semiconductor (TI) LM3402 Datasheet HTML 3Page - National Semiconductor (TI) LM3402 Datasheet HTML 4Page - National Semiconductor (TI) LM3402 Datasheet HTML 5Page - National Semiconductor (TI) LM3402 Datasheet HTML 6Page - National Semiconductor (TI) LM3402 Datasheet HTML 7Page - National Semiconductor (TI) LM3402 Datasheet HTML 8Page - National Semiconductor (TI) LM3402 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Rearranging the above equation and solving for t
OFF with
t
ON set to 510 ns
t
OFF = 938 ns (satisfied)
Example 1 ON & OFF Times
V
IN (V)
V
OUT (V)
t
ON
t
OFF
36
10.4
5.10E-07
9.38E-07
48
10.4
3.82E-07
1.06E-06
60
10.4
3.06E-07
1.14E-06
Calculate Switching Frequency
V
IN = 36V, 48 and 60V.
Substituting equations:
f
SW = 691kHz (VIN = 36V, 48V, & 60V)
Calculate Inductor Value
With 50% ripple at V
IN = 48V
• I
F = 500 mA
• Δi
L = 250 mA (target)
• L = 57 µH (68 µH standard value)
Calculate
Δi for V
IN = 36V, 48V, and 60V with L = 68 µH
Example 1 Ripple Current
V
IN (V)
V
OUT (V)
Δi
L (A)
36
10.4
0.192
48
10.4
0.211
60
10.4
0.223
Calculate R
SNS
Calculate R
SNS at VIN typical (48V), and average LED current
(I
F) set to 500 mA.
30061623
FIGURE 8. Inductor Current Waveform
•
I
F = 500 mA
•
V
IN = 48V
•
V
OUT = 10.4V
•
L = 68 µH
•
t
D = 220 ns
•
t
ON = 382 ns
Using equations from the COT Overview section, calculate
R
SNS.
Therefore: R
SNS = 467 mΩ
Calculate Average LED current (I
F)
Calculate average current through the LEDs for V
IN = 36V and
60V.
Example 1 Average LED Current
V
IN (V)
V
OUT (V)
I
F (A)
36
10.4
0.490
48
10.4
0.500
60
10.4
0.506
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com