Electronic Components Datasheet Search
  English  ▼

X  

PT2380 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2380
Description  4 Mode Preset Equalizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2380 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2380 Datasheet HTML 1Page - Princeton Technology Corp PT2380 Datasheet HTML 2Page - Princeton Technology Corp PT2380 Datasheet HTML 3Page - Princeton Technology Corp PT2380 Datasheet HTML 4Page - Princeton Technology Corp PT2380 Datasheet HTML 5Page - Princeton Technology Corp PT2380 Datasheet HTML 6Page - Princeton Technology Corp PT2380 Datasheet HTML 7Page - Princeton Technology Corp PT2380 Datasheet HTML 8Page - Princeton Technology Corp PT2380 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PTC Princeton Technology Corp.
Tel : 886-2-29162151
Fax : 886-2-29174598
4-Mode Preset Equalizer IC
Preliminary
Preliminary
PT 2380
Page 3
Pin Configuration
Figure 2: PT2380 Pin Configuration
Pin Description
Pin
Name
I/O
Description
Pin
No.
IN1
I
Signal Input Pin 1
1
OUT1
O
Signal Output Pin 1
2
Cap1_1
-
This pin is connected to Pin 5 by an external Capacitor
3
Cap1_2
-
This pin is connected to Pin 5 by an external Capacitor.
4
NF1
-
Feedback Node 1
5
Cap1_3
-
This pin is connected to Pin 5 by an external Capacitor.
6
Vcc
-
Positive Power Supply
7
GND
-
Ground
8
SW1
I
Mode Switch 1
9
SW2
I
Mode Switch 2
10
Cap2_3
-
This pin is connected to Pin 12 by an external Capacitor.
11
NF2
-
Feedback Node 2
12
Cap2_2
-
This pin is connected to Pin 12 by an external Capacitor.
13
Cap2_1
-
This pin is connected to Pin 12 by an external Capacitor.
14
OUT2
O
Signal Output Pin 2
15
IN2
I
Signal Input Pin 2
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com