Electronic Components Datasheet Search
  English  ▼

X  

PT2380 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2380
Description  4 Mode Preset Equalizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2380 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2380 Datasheet HTML 1Page - Princeton Technology Corp PT2380 Datasheet HTML 2Page - Princeton Technology Corp PT2380 Datasheet HTML 3Page - Princeton Technology Corp PT2380 Datasheet HTML 4Page - Princeton Technology Corp PT2380 Datasheet HTML 5Page - Princeton Technology Corp PT2380 Datasheet HTML 6Page - Princeton Technology Corp PT2380 Datasheet HTML 7Page - Princeton Technology Corp PT2380 Datasheet HTML 8Page - Princeton Technology Corp PT2380 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PTC Princeton Technology Corp.
Tel : 886-2-29162151
Fax : 886-2-29174598
4 Mode Preset Equalizer IC
Preliminary
Preliminary
PT 2380
Revised Jan. 1996
Page 1
Preliminary 2
Description
PT 2380 is a pre-set equalizer IC utilizing CMOS Technology specially designed for
audio equipment. It features four sound selections, namely: Classical, Pops, Rock
and Normal/Flat which may be selected by the 2 control pins (SW1 and SW2).
PT 2380 has 2 built-in channels - each containing an internal operation amplifier and
selectable resistors. Thus, least external components are used. By connecting only 3
capacitors to each channel, the high performance pre-set equalizing function of this
IC is achieved. Pin assignments and application circuit are optimized for easy PCB
layout and cost saving for audio applications. PT 2380 is housed in a 16-Pin DIP or
SO Package and is suitable for stereo sound applications.
Features
r CMOS Technology
r Least External Components
r Available in 16 Pins, DIP or SO Package
r 4 Sound Effect Selections Available: Classical, Pops, Rock, and Normal/Flat
r High Operating Voltage Range: Vcc = 5 ~ 15 V
r Two Channels in the same chip
r Can be controlled by Micro-Processor Output Pin
Applications
r Mini Compo
r Car Stereo
r Radio Cassette Recorders
r Multi-Media Speaker
r MPEG Card
r Other Audio Equipments


Similar Part No. - PT2380

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
4-Mode Preset Equalizer IC?
PT2381 PTC-PT2381 Datasheet
292Kb / 13P
4-Mode Preset Equalizer IC
PT2381-S PTC-PT2381-S Datasheet
292Kb / 13P
4-Mode Preset Equalizer IC
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
4-Mode Preset Equalizer IC
PT2386 PTC-PT2386 Datasheet
57Kb / 4P
3D Effect IC
More results

Similar Description - PT2380

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
4-Mode Preset Equalizer IC?
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
5-Mode Preset Equalizer IC???
logo
Rohm
BA3842F ROHM-BA3842F Datasheet
237Kb / 13P
Preset equalizer sound control (P.S.C) IC
logo
Silan Microelectronics ...
SC5389 SILAN-SC5389 Datasheet
158Kb / 10P
5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
5-MODE PRESET EQUALIZER IC
logo
Mitsubishi Electric Sem...
M62415 MITSUBISHI-M62415 Datasheet
283Kb / 7P
2CH 4 MODE PRESET EQUALIZER
logo
Princeton Technology Co...
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
4-Mode Preset Equalizer IC
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
5-Mode Preset Equalizer IC
logo
List of Unclassifed Man...
CD7388CP ETC2-CD7388CP Datasheet
393Kb / 7P
Five preset mode equalizer circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com