Electronic Components Datasheet Search
  English  ▼

X  

PT2380 Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2380
Description  4 Mode Preset Equalizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2380 Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2380 Datasheet HTML 3Page - Princeton Technology Corp PT2380 Datasheet HTML 4Page - Princeton Technology Corp PT2380 Datasheet HTML 5Page - Princeton Technology Corp PT2380 Datasheet HTML 6Page - Princeton Technology Corp PT2380 Datasheet HTML 7Page - Princeton Technology Corp PT2380 Datasheet HTML 8Page - Princeton Technology Corp PT2380 Datasheet HTML 9Page - Princeton Technology Corp PT2380 Datasheet HTML 10Page - Princeton Technology Corp PT2380 Datasheet HTML 11Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PTC Princeton Technology Corp.
Tel : 886-2-29162151
Fax : 886-2-29174598
4-Mode Preset Equalizer IC
Preliminary
Preliminary
PT 2380
Page 11
Note:
1. Controlling Dimension : Inch
2. Lead Frame Material : Copper 194
3. After solder plating lead thickness will be 0.013” max.
4. Dimension “D” does not include mold flash, protrusions or gate burrs.
5. Dimension “E” does not include interlead flash or protrusions.
6. Tolerance :
± 0.010” unless otherwise specified.
7. Otherwise dimensions follow acceptable spec.
Valid Part Number
Package Description
PT2380
16 Pins, DIP
PT2380 S
16 Pins, SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com