Electronic Components Datasheet Search
  English  ▼

X  

PT2380 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2380
Description  4 Mode Preset Equalizer IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2380 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2380 Datasheet HTML 1Page - Princeton Technology Corp PT2380 Datasheet HTML 2Page - Princeton Technology Corp PT2380 Datasheet HTML 3Page - Princeton Technology Corp PT2380 Datasheet HTML 4Page - Princeton Technology Corp PT2380 Datasheet HTML 5Page - Princeton Technology Corp PT2380 Datasheet HTML 6Page - Princeton Technology Corp PT2380 Datasheet HTML 7Page - Princeton Technology Corp PT2380 Datasheet HTML 8Page - Princeton Technology Corp PT2380 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PTC Princeton Technology Corp.
Tel : 886-2-29162151
Fax : 886-2-29174598
4-Mode Preset Equalizer IC
Preliminary
Preliminary
PT 2380
Page 5
In order to best describe this IC, an application example is hereby given. The
application example’s electrical characteristics are enumerated below.
Conditions: Vcc = 12.0 V, Vi = 0.1 Vrms and f = 1 KHz
Symbol
Parameter
Condition
Data
Unit
Icc
Circuit Operation Current
Vcc=12.0 V
Vi =0.0 V
8.0
mA
GBn
P
Normal Mode
Bass
f=80Hz
14
dB
GMn
R
Voltage
Mid
f=1KHz
14
dB
GTn
E
Gain
Treble
f=10KHz
14
dB
GBr
S
Rock Mode
Bass
f=80Hz
20
dB
GMr
E
Voltage
Mid
f=1KHz
14
dB
GTr
T
Gain
Treble
f=10KHz
16
dB
GBc
Classic Mode
Bass
f=80Hz
16
dB
GMc
M
Voltage
Mid
f=1KHz
14
dB
GTc
O
Gain
Treble
f=10KHz
16
dB
GBp
D
Pops Mode
Bass
f=80Hz
12
dB
GMp
E
Voltage
Mid
f=1KHz
16
dB
GTp
Gain
Treble
f=10KHz
14
dB
VOM
Maximum Output
Voltage
f=1KHz
Vcc=5V,Vi=0.3Vrms
Vcc=12V,Vi=0.8Vrms
1.5
4.0
Vrms
THD
Total Harmonic
Distortion
BW=400Hz~30KHz
A-Weighting
0.02
%
VNO
Output Noise
Voltage
BW=400Hz~30KHz
A-Weighting, Vi=0.0V
50
µVrms
Ri
Input Resistor
50
k
Ω
Table 2: Application Example Electrical Characteristic Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com