Electronic Components Datasheet Search
  English  ▼

X  

ADT7421 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7421
Description  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421 Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7421 Datasheet HTML 1Page - ON Semiconductor ADT7421 Datasheet HTML 2Page - ON Semiconductor ADT7421 Datasheet HTML 3Page - ON Semiconductor ADT7421 Datasheet HTML 4Page - ON Semiconductor ADT7421 Datasheet HTML 5Page - ON Semiconductor ADT7421 Datasheet HTML 6Page - ON Semiconductor ADT7421 Datasheet HTML 7Page - ON Semiconductor ADT7421 Datasheet HTML 8Page - ON Semiconductor ADT7421 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADT7421
http://onsemi.com
5
TYPICAL CHARACTERISTICS
100 mV
250 mV
NOISE FREQUENCY
6E+08
5E+08
4E+08
3E+08
2E+08
1E+08
0
−6
−4
−2
0
2
4
6
CAPACITANCE (pF)
10,000
1000
100
10
1
−1.00
−0.75
−0.50
−0.25
0
0.50
0.75
1.00
0.25
LEAKAGE RESISTANCE (MW)
90
60
50
40
30
20
10
0
−80
−60
−40
−20
20
40
60
80
70
80
100
0
D+ to GND
D+ to Vcc
TA & TD OIL BATH TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
−5
−4
−2
−1
1
2
4
5
−3
0
3
150
TA & TD OIL BATH TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
−5
−3
−2
0
2
3
4
5
1
−1
−4
150
RS (W)
120
100
80
60
40
20
0
0
0.1
0.3
0.4
0.6
0.8
0.9
1.0
0.7
0.5
0.2
Figure 3. Temperature Error vs. D+, D−
Capacitance
Figure 4. Temperature Error vs. PCB Leakage
Resistance
Figure 5. Local Temperature Error vs.
Temperature
Figure 6. Remote Temperature Error vs.
Temperature
Figure 7. Temperature Error vs. Series
Resistance on D+, D−
Figure 8. External Temp Error vs. Power
Supply Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com