Electronic Components Datasheet Search
  English  ▼

X  

ADT7421 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADT7421
Description  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADT7421 Datasheet HTML 12Page - ON Semiconductor ADT7421 Datasheet HTML 13Page - ON Semiconductor ADT7421 Datasheet HTML 14Page - ON Semiconductor ADT7421 Datasheet HTML 15Page - ON Semiconductor ADT7421 Datasheet HTML 16Page - ON Semiconductor ADT7421 Datasheet HTML 17Page - ON Semiconductor ADT7421 Datasheet HTML 18Page - ON Semiconductor ADT7421 Datasheet HTML 19Page - ON Semiconductor ADT7421 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADT7421
http://onsemi.com
16
inductance and reduce noise pickup, a 5−mil track
width and spacing is recommended. Provide a ground
plane under the tracks, if possible.
Figure 16. Typical Arrangement of Signal Tracks
GND
D+
D–
GND
5MIL
5MIL
5MIL
5MIL
5MIL
5MIL
5MIL
• Try to minimize the number of copper/solder joints that
can cause thermocouple effects. Where copper/solder
joints are used, make sure that they are in both the D+
and D− path and at the same temperature.
• Thermocouple effects should not be a major problem as
1
°C corresponds to about 200 mV, and thermocouple
voltages are about 3 mV/
°C of temperature difference.
Unless there are two thermocouples with a big
temperature differential between them, thermocouple
voltages should be much less than 200 mV.
• Place a 0.1 mF bypass capacitor close to the VDD pin. In
extremely noisy environments, place an input filter
capacitor across D+ and D− close to the ADT7421.
This capacitance can effect the temperature
measurement, so ensure that any capacitance seen at D+
and D− is, at maximum, 2200 pF. This maximum value
includes the filter capacitance, plus any cable or stray
capacitance between the pins and the sensor transistor.
• If the distance to the remote sensor is more than
8 inches, the use of twisted pair cable is recommended.
A total of 6 feet to 12 feet is needed.
For really long distances (up to 100 feet), use a shielded
twisted pair, such as the Belden No. 8451 microphone
cable. Connect the twisted pair to D+ and D− and the
shield to GND close to the ADT7421. Leave the remote
end of the shield unconnected to avoid ground loops.
Because the measurement technique uses switched
current sources, excessive cable or filter capacitance can
affect the measurement. When using long cables, the filter
capacitance can be reduced or removed.
Application Circuit
Figure 17 shows a typical application circuit for the
ADT7421, using a discrete sensor transistor connected via
a shielded, twisted pair cable. The pull−ups on SCLK,
SDATA, and ALERT are required only if they are not
provided elsewhere in the system.
Figure 17. Typical Application Circuit
5V OR 12V
SMBUS
CONTROLLER
FAN CONTROL
CIRCUIT
CPU THERMAL
DIODE
or
2N3906
D+
D–
VDD
SCLK
SDATA
ALERT/
THERM2
THERM
GND
ADT7421
0.1mF
VDD
TYP 10k
FAN ENABLE
3V TO 3.6V
TYP 10k
SHIELD
CPU
W
W
ADT7421 Register Details
Table 10. Status/Configuration Registers
Read Address
(Hex)
Write Address
(Hex)
Name
Power−On Default
Binary
Hex
Decimal
Not Applicable
Not Applicable
Address Pointer
Undefined
02
Not Applicable
Status
Undefined
03
09
Configuration
0000 1000
0x08
04
0A
Conversion Rate
0000 0110
0x06
Not Applicable
0F
One−Shot
22
22
Consecutive ALERT
0000 0001
0x01
3D
Not Applicable
Device ID
0010 0001
0x21
FE
Not Applicable
Manufacturer ID
0100 0001
0x41
FF
Not Applicable
Die Revision Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com