Electronic Components Datasheet Search
  English  ▼

X  

ADT7421 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADT7421
Description  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421 Datasheet(HTML) 1 Page - ON Semiconductor

  ADT7421 Datasheet HTML 1Page - ON Semiconductor ADT7421 Datasheet HTML 2Page - ON Semiconductor ADT7421 Datasheet HTML 3Page - ON Semiconductor ADT7421 Datasheet HTML 4Page - ON Semiconductor ADT7421 Datasheet HTML 5Page - ON Semiconductor ADT7421 Datasheet HTML 6Page - ON Semiconductor ADT7421 Datasheet HTML 7Page - ON Semiconductor ADT7421 Datasheet HTML 8Page - ON Semiconductor ADT7421 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 5
1
Publication Order Number:
ADT7421/D
ADT7421
Precision Temperature
Sensor with Beta
Compensation
(for <45 nm Geometries)
The ADT7421 is a dual−channel digital thermometer and
under/overtemperature alarm, intended for use in PCs and thermal
management systems. It is pin− and register−compatible with the
ADM1032, ADT7461 and ADT7461A.
The ADT7421 includes Beta Cancellation Technology. This enables
accurate measurement of temperature from very small geometry
(45 nm) processes. Significant variations in the Beta factor can be
observed when different currents are applied to transistors embedded
in small geometry CPU’s. This leads to large temperature errors. The
ADT7421 automatically cancels the effects of error induced by beta
variations.
Features
• On−Chip and Remote Temperature Sensor
• 0.25°C Resolution on Remote Channel
• 1°C Resolution on Local Channel
• Automatically Cancels the Effect of Beta Variation in Thermal
Transistors on Small Geometry CPU’s
• Automatically Cancels Up to 50 W (Typical) of Resistance in Series
with Remote Transistor
• Extended, Switchable Temperature Measurement Range
0
°C to +125°C (default) or −40°C to +125°C
• Pin− and Register−Compatible with ADM1032, ADT7461,
ADT7461A, EMC1402, and aSC7525
• 2−Wire SMBus Serial Interface with SMBus Alert Support
• Programmable Over/Undertemperature Limits
• Offset Registers for System Calibration
• Up to Two Overtemperature Fail−Safe THERM Outputs
• Small 8−lead MSOP and SOP Packages
• These are Pb−Free Devices
Applications
• Desktop and Notebook Computers
• Industrial Controllers
• Smart Batteries
• Automotive
• Embedded Systems
• Burn−In Applications
• Instrumentation
http://onsemi.com
PIN ASSIGNMENT
VDD
D+
D–
GND
ALERT/THERM2
THERM
1
2
3
4
8
7
6
5
(Top View)
SCLK
SDATA
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
MSOP−8
CASE 846AB
1
SOIC−8
CASE 751
T7421
ALYWRG
G
1
8
L7x = Refer to Ordering Table
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
1
8
L7x
AYWG
G
(Note: Microdot may be in either location)
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
R
= SMBus Address
G
= Pb−Free Package


Similar Part No. - ADT7421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420 Datasheet
935Kb / 16P
Evaluating the ADT7320/ADT7420 Temperature Sensors
REV. 0
ADT7420UCPZ AD-ADT7420UCPZ Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Similar Description - ADT7421

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
1째C Temperature Sensor with Beta Compensation
logo
National Semiconductor ...
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Maxim Integrated Produc...
MAX6693 MAXIM-MAX6693 Datasheet
172Kb / 19P
7-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 5/08
MAX6694 MAXIM-MAX6694 Datasheet
198Kb / 18P
5-Channel Precision Temperature Monitor with Beta Compensation
Rev 0; 4/08
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
1째C Temperature Sensor with Beta Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com