Electronic Components Datasheet Search
  English  ▼

X  

ADT7421 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADT7421
Description  Precision Temperature Sensor with Beta Compensation (for <45 nm Geometries)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7421 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADT7421 Datasheet HTML 5Page - ON Semiconductor ADT7421 Datasheet HTML 6Page - ON Semiconductor ADT7421 Datasheet HTML 7Page - ON Semiconductor ADT7421 Datasheet HTML 8Page - ON Semiconductor ADT7421 Datasheet HTML 9Page - ON Semiconductor ADT7421 Datasheet HTML 10Page - ON Semiconductor ADT7421 Datasheet HTML 11Page - ON Semiconductor ADT7421 Datasheet HTML 12Page - ON Semiconductor ADT7421 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADT7421
http://onsemi.com
9
Table 4. Conversion Rate Register Codes
Code
Conversion/Second
Time (Secs)
0x00
0.0625
16
0x01
0.125
8
0x02
0.25
4
0x03
0.5
2
0x04
1
1
0x05
2
500 m
0x06
4 (Default)
250 m
0x07
5
200 m
0x08
10
100 m
0x09
20
50 m
0x0A
36
27 m
0x0B to 0xFF
Reserved
Limit Registers
The ADT7421 has eight limit registers: high, low, and
THERM temperature limits for both local and remote
temperature measurements. The remote temperature high
and low limits span two registers each, to contain an upper
and lower byte for each limit. There is also a THERM
hysteresis register. All limit registers can be written to, and
read back over, the SMBus. See Table 8 for details of the
limit register addresses and their power−on default values.
When Pin 6 is configured as an ALERT output, the high
limit registers perform a > comparison, while the low limit
registers perform a
≤ comparison. For example, if the high
limit register is programmed with 80
°C, then measuring 81°C
results in an out−of−limit condition, setting a flag in the status
register. If the low limit register is programmed with 0
°C,
measuring 0
°C or lower results in an out−of−limit condition.
Exceeding either the local or remote THERM limit asserts
THERM low. When Pin 6 is configured as THERM2,
exceeding either the local or remote high limit asserts
THERM2 low. A default hysteresis value of 10
°C is provided
that applies to both THERM channels. This hysteresis value
can be reprogrammed to any value after powerup (Register
Address 0x21).
It is important to remember that the temperature limits data
format is the same as the temperature measurement data
format. Therefore, if the temperature measurement uses
default binary, then the temperature limits also use the binary
scale. If the temperature measurement scale is switched,
however, the temperature limits do not automatically switch.
The user must reprogram the limit registers to the desired
value in the correct data format. For example, if the remote
low limit is set at 10
°C with the default binary scale, the limit
register value is 0000 1010b. If the scale is switched to offset
binary, the value in the low temperature limit register needs
to be reprogrammed to 0100 1010b.
Status Register
The status register is a read−only register at Address 0x02.
It contains status information for the ADT7421.
When Bit 7 of the status register is high, it indicates that the
ADC is busy converting. The other bits in this register flag the
out−of−limit temperature measurements (Bit 6 to Bit 3, and
Bit 1 to Bit 0) and the remote sensor open circuit (Bit 2).
If Pin 6 is configured as an ALERT output, the following
applies: If the local temperature measurement exceeds its
limits, Bit 6 (high limit) or Bit 5 (low limit) of the status
register asserts to flag this condition. If the remote
temperature measurement exceeds its limits, then Bit 4 (high
limit) or Bit 3 (low limit) asserts. Bit 2 asserts to flag an open
circuit condition on the remote sensor. These five flags are
NOR’ed together, so if any of them is high, the ALERT
interrupt latch is set and the ALERT output goes low.
Reading the status register clears the five flags, Bit 6 to
Bit 2, provided the error conditions causing the flags to be
set have gone away. A flag bit can be reset only if the
corresponding value register contains an in−limit
measurement or if the sensor is good.
The ALERT interrupt latch is not reset by reading the
status register. It resets when the ALERT output has been
serviced by the master reading the device address, provided
the error condition has gone away and the status register flag
bits are reset.
When Flag 1 and/or Flag 0 are set, the THERM output
goes low to indicate that the temperature measurements are
outside the programmed limits. The THERM output does
not need to be reset, unlike the ALERT output. Once the
measurements are within the limits, the corresponding status
register bits are automatically reset and the THERM output
goes high. The user may add hysteresis by programming
Register 0x21. The THERM output is reset only when the
temperature falls to limit value minus the hysteresis value.
When Pin 6 is configured as THERM2, only the high
temperature limits are relevant. If Flag 6 and/or Flag 4 are
set, the THERM2 output goes low to indicate that the
temperature measurements are outside the programmed
limits. Flag 5 and Flag 3 have no effect on THERM2. The
behavior of THERM2 is otherwise the same as THERM.
Table 5. Status Register Bit Assignments
Bit
Name
Function
7
BUSY
1 when ADC Converting
6
LHIGH*
1 when Local High Temperature Limit Tripped
5
LLOW*
1 when Local Low Temperature Limit Tripped
4
RHIGH*
1 when Remote High Temperature Limit
Tripped
3
RLOW*
1 when Remote Low Temperature Limit
Tripped
2
OPEN*
1 when Remote Sensor Open Circuit
1
RTHRM
1 when Remote THERM Limit Tripped
0
LTHRM
1 when Local THERM Limit Tripped
*These flags stay high until the status register is read or they are
reset by POR unless Pin 6 is configured as THERM2. Then,
only Bit 2 remains high until the status register is read or is reset
by POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com