Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631 Datasheet(PDF) 4 Page - QT Optoelectronics

Part # HCPL2631
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL2631 Datasheet(HTML) 4 Page - QT Optoelectronics

  HCPL2631 Datasheet HTML 1Page - QT Optoelectronics HCPL2631 Datasheet HTML 2Page - QT Optoelectronics HCPL2631 Datasheet HTML 3Page - QT Optoelectronics HCPL2631 Datasheet HTML 4Page - QT Optoelectronics HCPL2631 Datasheet HTML 5Page - QT Optoelectronics HCPL2631 Datasheet HTML 6Page - QT Optoelectronics HCPL2631 Datasheet HTML 7Page - QT Optoelectronics HCPL2631 Datasheet HTML 8Page - QT Optoelectronics HCPL2631 Datasheet HTML 9Page - QT Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
Input-Output
(Relative humidity = 45%)
Insulation Leakage Current
(TA = 25°C, t = 5 s)
II-O
1.0*
µA
(VI-O = 3000 VDC)
(Note 12)
Withstand Insulation Test Voltage
(RH < 50%, TA = 25°C)
VISO
2500
VRMS
(Note 12) ( t = 1 min.)
Resistance (Input to Output)
(VI-O = 500 V) (Note 12)
RI-O
1012
!
Capacitance (Input to Output)
(f = 1 MHz) (Note 12)
CI-O
0.6
pF
ISOLATION CHARACTERISTICS (T
A = -40°C to +85°C Unless otherwise specified.)
** All typical values are at VCC = 5 V, TA = 25°C
1.
The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid tantalum
capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and GND pins
of each device.
2.
Each channel.
3.
Enable Input - No pull up resistor required as the device has an internal pull up resistor.
4.
tPLH - Propagation delay is measured from the 3.75 mA level on the HIGH to LOW transition of the input current pulse to the 1.5 V
level on the LOW to HIGH transition of the output voltage pulse.
5.
tPHL - Propagation delay is measured from the 3.75 mA level on the LOW to HIGH transition of the input current pulse to the 1.5 V
level on the HIGH to LOW transition of the output voltage pulse.
6.
tr - Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse.
7.
tf - Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse.
8.
tELH - Enable input propagation delay is measured from the 1.5 V level on the HIGH to LOW transition of the input voltage pulse
to the 1.5 V level on the LOW to HIGH transition of the output voltage pulse.
9.
tEHL - Enable input propagation delay is measured from the 1.5 V level on the LOW to HIGH transition of the input voltage pulse
to the 1.5 V level on the HIGH to LOW transition of the output voltage pulse.
10. CMH - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high state
(i.e., VOUT > 2.0 V). Measured in volts per microsecond (V/µs).
11. CML - The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the low output state
(i.e., VOUT < 0.8 V). Measured in volts per microsecond (V/µs).
12. Device considered a two-terminal device: Pins 1,2,3 and 4 shorted together, and Pins 5,6,7 and 8 shorted together.
NOTES
DC Characteristics
Test Conditions
Symbol
Min
Typ**
Max
Unit
High Level Output Current
(VCC = 5.5 V, VO = 5.5 V)
IOH
100
µA
(IF = 250 µA, VE = 2.0 V) (Note 2)
Low Level Output Current
(VCC = 5.5 V, IF = 5 mA)
VOL
.35
.06
V
(VE = 2.0 V, ICL = 13 mA) (Note 2)
Input Threshold Current
(VCC = 5.5 V, VO = 0.6 V,
IFT
35
mA
VE = 2.0 V, IOL = 13 mA)
TRANSFER CHARACTERISTICS (T
A = -40°C to +85°C Unless otherwise specified.)
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
8/10/99
200002A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com