Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631 Datasheet(PDF) 6 Page - QT Optoelectronics

Part # HCPL2631
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL2631 Datasheet(HTML) 6 Page - QT Optoelectronics

Back Button HCPL2631 Datasheet HTML 2Page - QT Optoelectronics HCPL2631 Datasheet HTML 3Page - QT Optoelectronics HCPL2631 Datasheet HTML 4Page - QT Optoelectronics HCPL2631 Datasheet HTML 5Page - QT Optoelectronics HCPL2631 Datasheet HTML 6Page - QT Optoelectronics HCPL2631 Datasheet HTML 7Page - QT Optoelectronics HCPL2631 Datasheet HTML 8Page - QT Optoelectronics HCPL2631 Datasheet HTML 9Page - QT Optoelectronics HCPL2631 Datasheet HTML 10Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Fig. 7 Pulse Width Distortion vs. Temperature
TA - Temperature (˚C)
TA - Temperature (˚C)
-60
-40
-20
0
20
40
60
80
100
0
20
40
60
80
RL = 4 k
!
RL = 1 k
!
RL = 350
!
F
Conditions:
I = 7.5 mA
VCC = 5 V
Fig. 8 Rise and Fall Time vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
L
R = 4 k
!$(tr)
Conditions:
IF = 7.5 mA
VCC = 5 V
RL = 1 k
!$(tr)
RL = 350
!$(tr)
RL = 1 k
!
RL = 4 k
!$$$$ (tf)
RL = 350
!$
Fig. 9 Enable Propagation Delay vs. Temperature
TA-Temperature (˚C)
-60
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
RL = 4 k
!$(TELH)
RL = 1 k
!$(TELH)
RL = 350
!$(TELH)
RL = 350
!
RL = 1 k
!
RL = 4 k
!
(TEHL)
]
Fig. 10 Switching Time vs. Temperature
TA-Temperature (˚C)
-60
-40
-20
0
20
40
60
80
100
20
40
60
80
100
120
RL = 1 k
!$TPLH
RL = 350
!$TPLH
RL = 4 k
!$TPLH
RL = 1 k
!
RL = 4 k
!
RL = 350
!
TPHL
Fig. 11 High Level Output Current
vs. Temperature
TA-Temperature (˚C)
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
VCC = 5.5 V
Conditions:
VO = 5.5 V
VE = 2.0 V
IF = 250 µA
]
]
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
8/10/99
200002A
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com