Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631 Datasheet(PDF) 8 Page - QT Optoelectronics

Part # HCPL2631
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL2631 Datasheet(HTML) 8 Page - QT Optoelectronics

Back Button HCPL2631 Datasheet HTML 2Page - QT Optoelectronics HCPL2631 Datasheet HTML 3Page - QT Optoelectronics HCPL2631 Datasheet HTML 4Page - QT Optoelectronics HCPL2631 Datasheet HTML 5Page - QT Optoelectronics HCPL2631 Datasheet HTML 6Page - QT Optoelectronics HCPL2631 Datasheet HTML 7Page - QT Optoelectronics HCPL2631 Datasheet HTML 8Page - QT Optoelectronics HCPL2631 Datasheet HTML 9Page - QT Optoelectronics HCPL2631 Datasheet HTML 10Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
+5V
Peak
3
2
1
4
8
7
6
5
GND
V
CC
O
(V )
Output
350
!
V
CM
FF
V
A
B
Pulse Gen
I
F
CM
V
0V
O
V
5V
Switching Pos. (A), I = 0
F
O
V (Max)
CM
0.5 V
O
V
Switching Pos. (B), I = 7.5 mA
F
H
CM L
V (Min)
O
bypass
.1 f
%
Fig. 14 Test Circuit Common Mode Transient Immunity
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
8/10/99
200002A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com