Electronic Components Datasheet Search
  English  ▼

X  

HCPL2631 Datasheet(PDF) 1 Page - QT Optoelectronics

Part # HCPL2631
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL2631 Datasheet(HTML) 1 Page - QT Optoelectronics

  HCPL2631 Datasheet HTML 1Page - QT Optoelectronics HCPL2631 Datasheet HTML 2Page - QT Optoelectronics HCPL2631 Datasheet HTML 3Page - QT Optoelectronics HCPL2631 Datasheet HTML 4Page - QT Optoelectronics HCPL2631 Datasheet HTML 5Page - QT Optoelectronics HCPL2631 Datasheet HTML 6Page - QT Optoelectronics HCPL2631 Datasheet HTML 7Page - QT Optoelectronics HCPL2631 Datasheet HTML 8Page - QT Optoelectronics HCPL2631 Datasheet HTML 9Page - QT Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
8
1
8
1
8
1
1
2
3
4
5
6
7
8
N/C
_
V
CC
V
E
V
O
GND
+
N/C
V
F
FEATURES
• Very high speed-10 MBit/s
• Superior CMR-10 kV/µs
• Double working voltage-480V
• Fan-out of 8 over -40°C to +85°C
• Logic gate output
• Strobable output
• Wired OR-open collector
• U.L. recognized (File # E90700)
DESCRIPTION
The 6N137, HCPL-2601/2611 single-channel and HCPL-2630/2631 dual-channel
optocouplers consist of a 850 nm AlGaAS LED, optically coupled to a very high
speed integrated photodetector logic gate with a strobable output. This output
features an open collector, thereby permitting wired OR outputs. The coupled
parameters are guaranteed over the temperature range of -40°C to +85°C. A
maximum input signal of 5 mA will provide a minimum output sink current of 13
mA (fan out of 8).
An internal noise shield provides superior common mode rejection of typically 10
kV/µs. The HCPL- 2601 and HCPL- 2631 has a minimum CMR of 5 kV/µs.
The HCPL-2611 has a minimum CMR of 10 kV/µs.
APPLICATIONS
• Ground loop elimination
• LSTTL to TTL, LSTTL or 5-volt CMOS
• Line receiver, data transmission
• Data multiplexing
• Switching power supplies
• Pulse transformer replacement
• Computer-peripheral interface
Input
Enable
Output
HH
L
LH
H
HL
H
LL
H
HNC
L
LNC
H
A 0.1 µF bypass capacitor must be connected between pins 8 and 5.
(See note 1)
TRUTH TABLE
(Positive Logic)
8/10/99
200002A
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
Dual-channel
circuit drawing
Single-channel
circuit drawing
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611


Similar Part No. - HCPL2631

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL2631 HP-HCPL2631 Datasheet
256Kb / 20P
High CMR, High Speed TTL Compatible Optocouplers
HCPL2631 HP-HCPL2631 Datasheet
246Kb / 15P
High CMR Line Receiver Optocouplers
HCPL2631 HP-HCPL2631 Datasheet
252Kb / 16P
HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Fairchild Semiconductor
HCPL2631 FAIRCHILD-HCPL2631 Datasheet
322Kb / 12P
High Speed 10MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL2631 ONSEMI-HCPL2631 Datasheet
1Mb / 15P
Single-Channel: 6N137, HCPL2601, HCPL2611 Dual-Channel: HCPL2630, HCPL2631 High Speed 10MBit/s Logic Gate Optocouplers
January 2011 Rev. 1.0.8
More results

Similar Description - HCPL2631

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-0600 FAIRCHILD-HCPL-0600 Datasheet
616Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0601R1V FAIRCHILD-HCPL0601R1V Datasheet
3Mb / 18P
High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com