Electronic Components Datasheet Search
  English  ▼

X  

CAT3200 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT3200 Datasheet HTML 1Page - ON Semiconductor CAT3200 Datasheet HTML 2Page - ON Semiconductor CAT3200 Datasheet HTML 3Page - ON Semiconductor CAT3200 Datasheet HTML 4Page - ON Semiconductor CAT3200 Datasheet HTML 5Page - ON Semiconductor CAT3200 Datasheet HTML 6Page - ON Semiconductor CAT3200 Datasheet HTML 7Page - ON Semiconductor CAT3200 Datasheet HTML 8Page - ON Semiconductor CAT3200 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT3200, CAT3200−5
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (CAT3200−5)
(TAMB = 25°C, CIN = COUT = CFLY = 1 mF, VIN = 3.3 V unless specified otherwise.)
Figure 9. Soft Start Power Up
(90 mA Load, 3.3 V Input)
Figure 10. Load Step Response (3.3 V Input)
Figure 11. Output Ripple
(100 mA Load, 3.3 V Input)
Figure 12. Short Circuit Current vs. Supply
Voltage
INPUT VOLTAGE (V)
4.5
4.2
3.9
3.6
3.3
3.0
2.7
0
50
100
150
200
250
Figure 13. Output Voltage Change vs.
Temperature
Figure 14. Oscillator Frequency Change vs.
Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
80
60
100
40
20
0
−20
−40
−2
−1
0
1
2
80
60
40
100
20
0
−20
−40
−4
−2
0
2
4
10 mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com