Electronic Components Datasheet Search
  English  ▼

X  

CAT3200 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT3200 Datasheet HTML 1Page - ON Semiconductor CAT3200 Datasheet HTML 2Page - ON Semiconductor CAT3200 Datasheet HTML 3Page - ON Semiconductor CAT3200 Datasheet HTML 4Page - ON Semiconductor CAT3200 Datasheet HTML 5Page - ON Semiconductor CAT3200 Datasheet HTML 6Page - ON Semiconductor CAT3200 Datasheet HTML 7Page - ON Semiconductor CAT3200 Datasheet HTML 8Page - ON Semiconductor CAT3200 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT3200, CAT3200−5
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS (CAT3200−5)
(TAMB = 25°C, CIN = COUT = CFLY = 1 mF, VIN = 3.3 V unless specified otherwise.)
Figure 3. Shutdown Input Threshold vs.
Supply Voltage
Figure 4. Ground Current vs. Supply Voltage
(No Load)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
4.5
4.2
3.9
3.6
3.3
3.0
2.7
0.4
0.5
0.6
0.7
0.8
1.0
1.1
1.2
4.5
4.2
3.9
3.6
3.3
3.0
2.7
1.2
1.4
1.6
1.8
2.0
2.2
Figure 5. Line Regulation
Figure 6. Load Regulation
INPUT VOLTAGE (V)
LOAD CURRENT (mA)
4.5
4.2
3.9
3.6
3.3
3.0
2.7
4.8
4.9
5.1
5.2
150
100
50
0
4.8
4.9
5.0
5.1
5.2
Figure 7. Oscillator Frequency vs. Supply
Voltage
Figure 8. Efficiency vs. Load Current
INPUT VOLTAGE (V)
LOAD CURRENT (mA)
4.5
4.2
3.9
3.6
3.3
3.0
2.7
1.6
1.8
2.0
2.2
2.4
2.6
100
10
1
30
40
50
60
70
80
90
100
0.9
5.0
20 mA Load
100 mA Load
VIN = 3.2 V
VIN = 3.0 V
VIN = 2.7 V
VIN = 3.2 V
VIN = 2.7 V
VIN = 3.7 V
VIN = 4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com