Electronic Components Datasheet Search
  English  ▼

X  

CAT3200 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT3200 Datasheet HTML 4Page - ON Semiconductor CAT3200 Datasheet HTML 5Page - ON Semiconductor CAT3200 Datasheet HTML 6Page - ON Semiconductor CAT3200 Datasheet HTML 7Page - ON Semiconductor CAT3200 Datasheet HTML 8Page - ON Semiconductor CAT3200 Datasheet HTML 9Page - ON Semiconductor CAT3200 Datasheet HTML 10Page - ON Semiconductor CAT3200 Datasheet HTML 11Page - ON Semiconductor CAT3200 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT3200, CAT3200−5
http://onsemi.com
9
Typical Applications
Figure 18. 3.3 V Supply to 5 V
Figure 19. USB Port to Regulated 5 V Power Supply
Figure 20. Lithium−Ion Battery to 5 V White or Blue LED Driver
Figure 21. White or Blue LED Driver with LED Current Control
CAT3200−5
5
3
1
2
100 mA
GND
CAT3200−5
5
3
1
2
GND
5
3
1
2
IN
OUT
SGND
100 Ω
100 Ω
100 Ω
100 Ω
CAT3200−5
Apply PWM Waveform for
Adjustable Brightness Control
3 V to 4.4 V
Li−ion
Battery
t
Drive up to 5 LEDs
100 Ω
+
2
6
8
7
C+
C−
FB
SGND
PGND
82 Ω
82 Ω
82 Ω
82 Ω
82 Ω
CAT3200
Apply PWM Waveform for
Adjustable Brightness Control
3 V to 4.4 V
Li−ion
Battery
t
Up to 6 LEDs
+
1 mF
46
IN
OUT
1 mF
1 mF
3.3 V ± 10%
SHDN
1 mF
VOUT
5 V ± 4%
SHDN
1 mF
46
4 V ≤ VIN ≤ 5 V
IN
OUT
1 mF
VOUT
5 V ± 4%
1 mF
1 mF
46
C−
C+
1 mF
SHDN
ON OFF
VSHDN
1 mF
5
4
IN
OUT
1 mF
13
1 mF
SHDN
VSHDN
ON OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com