Electronic Components Datasheet Search
  English  ▼

X  

CAT3200 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3200 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT3200 Datasheet HTML 1Page - ON Semiconductor CAT3200 Datasheet HTML 2Page - ON Semiconductor CAT3200 Datasheet HTML 3Page - ON Semiconductor CAT3200 Datasheet HTML 4Page - ON Semiconductor CAT3200 Datasheet HTML 5Page - ON Semiconductor CAT3200 Datasheet HTML 6Page - ON Semiconductor CAT3200 Datasheet HTML 7Page - ON Semiconductor CAT3200 Datasheet HTML 8Page - ON Semiconductor CAT3200 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2010
May, 2010 − Rev. 13
1
Publication Order Number:
CAT3200/D
CAT3200, CAT3200-5
Low Noise Regulated
Charge Pump DC-DC
Converter
Description
The CAT3200 and CAT3200−5 are switched capacitor boost
converters that deliver a low noise, regulated output voltage. The
CAT3200−5 gives a fixed regulated 5 V output. The CAT3200 has
an adjustable output using external resistors. The constant
frequency 2 MHz charge pump allows small 1
mF ceramic capacitors
to be used.
Maximum output loads of up to 100 mA can be supported over a
wide range of input supply voltages (2.7 V to 4.5 V) making the device
ideal for battery−powered applications.
A shutdown control input allows the device to be placed in
power−down mode, reducing the supply current to less than 1
mA.
In the event of short circuit or overload conditions, the device is
fully protected by both foldback current limiting and thermal overload
detection. In addition, a soft start, slew rate control circuit limits inrush
current during power−up.
The CAT3200−5 is available in a 6−lead, 1 mm max thin SOT23
package. The CAT3200 is available in an 8−lead MSOP package.
Features
• Constant High Frequency (2 MHz) Operation
• 100 mA Output Current
• Regulated Output Voltage (5 V Fixed CAT3200−5, Adjustable
CAT3200)
• Low Quiescent Current (1.7 mA Typ.)
• Input Voltage Operation down to 2.7 V
• Soft Start, Slew Rate Control
• Thermal Overload Shutdown Protection
• Low Value External Capacitors (1 mF)
• Foldback Current Overload Protection
• Shutdown Current less than 1 mA
• CAT3200−5 in Low Profile (1 mm Thin) 6−lead TSOT−23 Package
• CAT3200 in MSOP−8 Package
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
• 3 V to 5 V Boost Conversion
• White LED Driver
• USB On−The−Go 5 V Supply
• Local 5 V Supply from Lower Rail
• Battery Backup Systems
• Handheld Portable Devices
http://onsemi.com
PIN CONFIGURATIONS
MSOP−8
Z SUFFIX
CASE 846AD
TSOT−23
TD SUFFIX
CASE 419AF
(Top Views)
CAT3200
CAT3200−5
CPOS
IN
CNEG
SHDN
GND
OUT
OUT
FB
SHDN
SGND
CPOS
IN
CNEG
PGND
1
1
MSOP
SOT23
1
1
* NiPdAu lead finish
Device
Package
Shipping
ORDERING INFORMATION
CAT3200TDI−T3
TSOT23−6
(Pb−Free)
3,000 / Tape &
Reel
CAT3200TDI−GT3 TSOT23−6*
(Pb−Free)
CAT3200ZI−T3
MSOP−8
(Pb−Free)
3,000 / Tape &
Reel
CAT3200ZI−GT3
MSOP−8*
(Pb−Free)
3,000 / Tape &
Reel
3,000 / Tape &
Reel


Similar Part No. - CAT3200

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
557Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
228Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
CAT3200-5 CATALYST-CAT3200-5 Datasheet
148Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
More results

Similar Description - CAT3200

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
148Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com