Electronic Components Datasheet Search
  English  ▼

X  

P9S12XEP100F1MVLR Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # P9S12XEP100F1MVLR
Description  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100F1MVLR Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100F1MVLR Datasheet HTML 75Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 76Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 77Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 78Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 79Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 80Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 81Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 82Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 1324 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.21
Freescale Semiconductor
79
Because of an order from the United States International Trade Commission, BGA-packaged product lines and partnumbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010
1.4.2.4
XGATE Fake Activity Mode
This mode is entered if the CPU executes the STOP instruction when the XGATE is not executing a thread
and the XGFACT bit in the XGMCTL register is set. The oscillator remains active and any enabled
peripherals continue to function.
1.4.2.5
Wait Mode
This mode is entered when the CPU executes the WAI instruction. In this mode the CPU will not execute
instructions. The internal CPU clock is switched off. All peripherals and the XGATE can be active in
system wait mode. For further power consumption the peripherals can individually turn off their local
clocks. Asserting RESET, XIRQ, IRQ or any other interrupt that is not masked and is not routed to XGATE
ends system wait mode.
1.4.2.6
Run Mode
Although this is not a low-power mode, unused peripheral modules should not be enabled in order to save
power.
1.4.3
Freeze Mode
The enhanced capture timer, pulse width modulator, analog-to-digital converters, and the periodic interrupt
timer provide a software programmable option to freeze the module status when the background debug
module is active. This is useful when debugging application software. For detailed description of the
behavior of the ATD0, ATD1, ECT, PWM, and PIT when the background debug module is active consult
the corresponding Block Guides.
1.4.4
System States
To facilitate system integrity the MCU can run in Supervisor state or User state. The System States strategy
is implemented by additional features on the S12X CPU and a Memory Protection Unit. This is designed
to support restricted access for code modules executed by kernels or operating systems supporting access
control to system resources.
The current system state is indicated by the U bit in the CPU condition code register. In User state certain
CPU instructions are restricted. See the CPU reference guide for details of the U bit and of those
instructions affected by User state.
In the case that software task accesses resources outside those defined for it in the MPU a non-maskable
interrupt is generated.
1.4.4.1
Supervisor State
This state is intended for configuring the MPU for different tasks that are then executed in User state,
returning to Supervisor state on completion of each task. This is the default ’state’ following reset and can
be re-entered from User state by an exception (interrupt). If the SVSEN bit in the MPUSEL register of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com