Electronic Components Datasheet Search
  English  ▼

X  

P9S12XEP100F1MVLR Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # P9S12XEP100F1MVLR
Description  HCS12X Microcontrollers
PDF  1324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P9S12XEP100F1MVLR Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button P9S12XEP100F1MVLR Datasheet HTML 88Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 89Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 90Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 91Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 92Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 93Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 94Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 95Page - Freescale Semiconductor, Inc P9S12XEP100F1MVLR Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 1324 page
background image
Chapter 2 Port Integration Module (S12XEPIMV1)
MC9S12XE-Family Reference Manual , Rev. 1.21
92
Freescale Semiconductor
E
PE[7]
XCLKS 2
I
External clock selection input during RESET
Mode
dependent 4
ECLKX2
I
Free-running clock output at Core Clock rate (ECLK x 2)
GPIO
I/O General-purpose I/O
PE[6]
MODB 2
I
MODB input during RESET
TAGHI
I
Instruction tagging low pin
Configurable for reduced input threshold
GPIO
I/O General-purpose I/O
PE[5]
MODA 2
I
MODA input during RESET
RE
O
Read enable signal
TAGLO
I
Instruction tagging low pin
Configurable for reduced input threshold
GPIO
I/O General-purpose I/O
PE[4]
ECLK
O
Free-running clock output at the Bus Clock rate or programmable
divided in normal modes
GPIO
I/O General-purpose I/O
PE[3]
EROMCTL 2
I
EROMON bit control input during RESET
LSTRB
O
Low strobe bar output
LDS
O
Lower data strobe
GPIO
I/O General-purpose I/O
PE[2]
RW
O
Read/write output for external bus
WE
O
Write enable signal
GPIO
I/O General-purpose I/O
PE[1]
IRQ
I
Maskable level- or falling edge-sensitive interrupt input
GPI
I
General-purpose input
PE[0]
XIRQ
I
Non-maskable level-sensitive interrupt input
GPI
I
General-purpose input
K
PK[7]
ROMCTL 2
I
ROMON bit control input during RESET
Mode
dependent 3
EWAIT
I
External Wait signal
Configurable for reduced input threshold
GPIO
I/O General-purpose I/O
PK[6:4]
ADDR[22:20]
mux
ACC[2:0] 3
O
Extended external bus address output
(multiplexed with access master output)
GPIO
I/O General-purpose I/O
PK[3:0]
ADDR[19:16]
mux
IQSTAT[3:0] 3
O
Extended external bus address output
(multiplexed with instruction pipe status bits)
GPIO
I/O General-purpose I/O
Port
Pin Name
Pin Function
& Priority(1)
I/O
Description
Pin Function
after Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com