| Electronic Components Datasheet Search |
|
56F8036 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8036 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc |
|
89 / 164 page ![]() Register Descriptions 56F8036 Data Sheet, Rev. 6 Freescale Semiconductor 89 6.3.9.2 Comparator A Clock Enable (CMPA)—Bit 14 • 0 = The clock is not provided to the Comparator A module (the Comparator A module is disabled) • 1 = The clock is enabled to the Comparator A module 6.3.9.3 Digital-to-Analog Clock Enable 1 (DAC1)—Bit 13 • 0 = The clock is not provided to the DAC1 module (the DAC1 module is disabled) • 1 = The clock is enabled to the DAC1 module 6.3.9.4 Digital-to-Analog Clock Enable 0 (DAC0)—Bit 12 • 0 = The clock is not provided to the DAC0 module (the DAC0 module is disabled) • 1 = The clock is enabled to the DAC0 module 6.3.9.5 Reserved—Bit 11 This bit field is reserved. It must be set to 0. 6.3.9.6 Analog-to-Digital Converter Clock Enable (ADC)—Bit 10 • 0 = The clock is not provided to the ADC module (the ADC module is disabled) • 1 = The clock is enabled to the ADC module 6.3.9.7 Reserved—Bits 9–7 This bit field is reserved. It must be set to 0. 6.3.9.8 Inter-Integrated Circuit IPBus Clock Enable (I2C)—Bit 6 • 0 = The clock is not provided to the I2C module (the I2C module is disabled) • 1 = The clock is enabled to the I2C module 6.3.9.9 Reserved—Bit 5 This bit field is reserved. It must be set to 0. 6.3.9.10 QSCI 0 Clock Enable (QSCI0)—Bit 4 • 0 = The clock is not provided to the QSCI0 module (the QSCI0 module is disabled) • 1 = The clock is enabled to the QSCI0 module 6.3.9.11 Reserved—Bit 3 This bit field is reserved. It must be set to 0. 6.3.9.12 QSPI 0 Clock Enable (QSPI0)—Bit 2 • 0 = The clock is not provided to the QSPI0 module (the QSPI0 module is disabled) • 1 = The clock is enabled to the QSPI0 module 6.3.9.13 Reserved—Bit 1 This bit field is reserved. It must be set to 0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |