Electronic Components Datasheet Search
  English  ▼

X  

56F8036 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # 56F8036
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8036 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button 56F8036 Datasheet HTML 94Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 95Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 96Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 164 page
background image
56F8036 Data Sheet, Rev. 6
98
Freescale Semiconductor
6.3.16.3
Configure GPIOA5 (GPS_A5)—Bits 11–10
This field selects the alternate function for GPIOA5.
•
00 = PWM5 - PWM5 (default)
•
01 = FAULT2 - PWM FAULT2 Input
•
10 = TA3 - Timer A3
•11 = Reserved
6.3.16.4
Configure GPIOA4 (GPS_A4)—Bits 9–8
This field selects the alternate function for GPIOA4.
•
00 = PWM4 - PWM4 (default)
•
01 = FAULT1 - PWM FAULT1 Input
•
10 = TA2 - Timer A2
•11 = Reserved
6.3.16.5
Reserved—Bits 7–0
This bit field is reserved. Each bit must be set to 0.
6.3.17
SIM GPIO Peripheral Select Register 1 for GPIOA (SIM_GPSA1)
See Section 6.3.16 for general information about GPIO Peripheral Select Registers.
Figure 6-20 GPIO Peripheral Select Register 1 for GPIOA (SIM_GPSA1)
6.3.17.1
Reserved—Bits 15–4
This bit field is reserved. Each bit must be set to 0.
6.3.17.2
Configure GPIOA9 (GPS_A9)—Bits 3–2
This field selects the alternate function for GPIOA9.
•
00 = FAULT2 - PWM FAULT2 Input (default)
•
01 = TA3 - Timer A3
•
10 = CMPBI1 - Comparator B Input 1
•11 = Reserved
Base + $14
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
GPS_A9
GPS_A8
Write
RESET
0
0
0
0
00000
0
0
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com