Electronic Components Datasheet Search
  English  ▼

X  

56F8036 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # 56F8036
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8036 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button 56F8036 Datasheet HTML 97Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 98Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 99Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 164 page
background image
Register Descriptions
56F8036 Data Sheet, Rev. 6
Freescale Semiconductor
101
6.3.19.1
Reserved—Bits 15–5
This bit field is reserved. Each bit must be set to 0.
6.3.19.2
Configure GPIOB9 (GPS_B9)—Bit 4
This field selects the alternate function for GPIOB9.
•
0 = SDA - I2C Serial Data (default)
•
1 = CANRX - MSCAN Receive Data
6.3.19.3
Reserved—Bit 3
This bit field is reserved. It must be set to 0.
6.3.19.4
Configure GPIOB8 (GPS_B8)—Bit 2
This field selects the alternate function for GPIOB8.
•
0 = SCL - I2C Serial Clock (default)
•
1 = CANTX - MSCAN Transmit Data
6.3.19.5
Reserved—Bit 1
This bit field is reserved. It must be set to 0.
6.3.19.6
Configure GPIOB7 (GPS_B7)—Bit 0
This field selects the alternate function for GPIOB7.
•
0 = TXD0 - QSCI0 Transmit Data (default)
•
1 = SCL - I2C Serial Clock
6.3.20
SIM GPIO Peripheral Select Register for GPIOC and GPIOD
(SIM_GPSCD)
See Section 6.3.16 for general information about GPIO Peripheral Select Registers.
Figure 6-23 GPIO Peripheral Select Register for GPIOC and GPIOD (SIM_GPSCD)
6.3.20.1
Reserved—Bits 15–13
This bit field is reserved. Each bit must be set to 0.
Base + $17
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
GPS_
D5
0
0
0
0
0
0
0
0
0
0
0
0
Write
RESET
0
0
0
0
00000000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com