Electronic Components Datasheet Search
  English  ▼

X  

56F8036 Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # 56F8036
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8036 Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button 56F8036 Datasheet HTML 100Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 101Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 102Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 103Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 104Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 105Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 106Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 107Page - Freescale Semiconductor, Inc 56F8036 Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 164 page
background image
56F8036 Data Sheet, Rev. 6
104
Freescale Semiconductor
6.3.21.7
Select Input Peripheral Source for PWM2/PWM3 Pair Source
(IPS0_PSRC1)—Bits 5–3
This field selects the alternate input peripheral source signal to feed PWM input PSRC1 as the
PWM2/PWM3 pair source.
•
000 = I/O pin (External) - Use a PSRC1 input pin as PWM source (default)
•
001 = TA2 (Internal) - Use Timer A2 output as PWM source
•
010 = ADC SAMPLE1 (Internal) - Use ADC SAMPLE1 result as PWM source
— If the ADC conversion result in SAMPLE1 is greater than the value programmed into the High Limit
register HLMT1, then PWM2 is set to 0 and PWM3 is set to 1
— If the ADC conversion result in SAMPLE1 is less than the value programmed into the Low Limit
register LLMT1, then PWM2 is set to 1 and PWM3 is set to 0
•
011 = CMPAO (Internal) - Use Comparator A output as PWM source
•
100 = CMPBO (Internal) - Use Comparator B output as PWM source
•
11x = Reserved
•
1x1 = Reserved
6.3.21.8
Select Input Peripheral Source for PWM0/PWM1 Pair Source
(IPS0_PSRC0)—Bits 2–0
This field selects the alternate input peripheral source signal to feed PWM input PSRC0 as the
PWM0/PWM1 pair source.
•
000 = I/O pin (External) - Use a PSRC0 input pin as PWM source (default)
•
001 = TA0 (Internal) - Use Timer A0 output as PWM source
•
010 = ADC SAMPLE0 (Internal) - Use ADC SAMPLE0 result as PWM source
— If the ADC conversion result in SAMPLE0 is greater than the value programmed into the High Limit
register HLMT0, then PWM0 is set to 0 and PWM1 is set to 1
— If the ADC conversion result in SAMPLE0 is less than the value programmed into the Low Limit
register LLMT0, then PWM0 is set to 1 and PWM1 is set to 0
•
011 = CMPAO (Internal) - Use Comparator A output as PWM source
•
100 = CMPBO (Internal) - Use Comparator B output as PWM source
•
11x = Reserved
•
1x1 = Reserved
6.3.22
Internal Peripheral Source Select Register 1 for Digital-to-Analog
Converters (SIM_IPS1)
See Section 6.3.21 for general information about Internal Peripheral Source Select registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com