Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM2595
Description  1.0 A, Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2595 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM2595 Datasheet HTML 7Page - ON Semiconductor LM2595 Datasheet HTML 8Page - ON Semiconductor LM2595 Datasheet HTML 9Page - ON Semiconductor LM2595 Datasheet HTML 10Page - ON Semiconductor LM2595 Datasheet HTML 11Page - ON Semiconductor LM2595 Datasheet HTML 12Page - ON Semiconductor LM2595 Datasheet HTML 13Page - ON Semiconductor LM2595 Datasheet HTML 14Page - ON Semiconductor LM2595 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM2595
http://onsemi.com
11
LM2595 Series Buck Regulator Design Procedures (continued)
Table 1. RECOMMENDED VALUES OF THE OUTPUT CAPACITOR AND FEEDFORWARD CAPACITOR
(Iload = 1.0 A)
Nichicon Pm Capacitors
Vin (V)
Capacity/ESR/Voltage Range (mF/mW/V)
40
1000/60/10
1000/60/10
1000/60/10
470/120/10
220/110/25
180/290/25
180/290/25
82/190/35
82/190/35
35
1000/60/10
1000/60/10
1000/60/10
220/110/25
180/140/25
120/200/25
120/200/25
82/190/35
82/190/35
26
1000/60/10
470/120/10
220/110/25
220/110/25
180/140/25
120/200/25
120/200/25
82/190/35
20
1000/60/10
470/120/10
220/110/25
220/110/25
180/140/25
120/200/25
120/200/25
18
1000/60/10
470/120/10
220/110/25
220/110/25
180/140/25
120/200/25
120/200/25
12
470/120/10
470/120/10
220/110/25
220/110/25
180/140/25
10
470/120/10
470/120/10
220/110/25
220/110/25
Vout
2
3
4
6
9
12
15
24
28
Cff (nF)
10
4.7
4.7
4.7
1.5
1.5
1
0.6
0.6
Figure 19. Inductor Value Selection Guides (For Continuous Mode Operation)
MAXIMUM LOAD CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com