Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM2595
Description  1.0 A, Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2595 Datasheet(HTML) 3 Page - ON Semiconductor

  LM2595 Datasheet HTML 1Page - ON Semiconductor LM2595 Datasheet HTML 2Page - ON Semiconductor LM2595 Datasheet HTML 3Page - ON Semiconductor LM2595 Datasheet HTML 4Page - ON Semiconductor LM2595 Datasheet HTML 5Page - ON Semiconductor LM2595 Datasheet HTML 6Page - ON Semiconductor LM2595 Datasheet HTML 7Page - ON Semiconductor LM2595 Datasheet HTML 8Page - ON Semiconductor LM2595 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM2595
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description (Refer to Figure 1)
1
Output
This is the emitter of the internal switch. The saturation voltage Vsat of this output switch is typically 1.0 V. It should be
kept in mind that the PCB area connected to this pin should be kept to a minimum in order to minimize coupling to
sensitive circuitry.
2
Vin
This pin is the positive input supply for the LM2595 step−down switching regulator. In order to minimize voltage transi-
ents and to supply the switching currents needed by the regulator, a suitable input bypass capacitor must be present
(Cin in Figure 1).
3
GND
Circuit ground pin. See the information about the printed circuit board layout.
4
Feedback This pin is the direct input of the error amplifier and the resistor network R2, R1 is connected externally to allow pro-
gramming of the output voltage.
5
ON/OFF
It allows the switching regulator circuit to be shut down using logic level signals, thus dropping the total input supply
current to approximately 50 mA. The threshold voltage is typically 1.6 V. Applying a voltage above this value (up to
+Vin) shuts the regulator off. If the voltage applied to this pin is lower than 1.6 V or if this pin is left open, the regulator
will be in the “on” condition.
OPERATING RATINGS (Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee
specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
−40 to +125
°C
Supply Voltage
Vin
4.5 to 40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com