Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 13 Page - ON Semiconductor

Part # LM2595
Description  1.0 A, Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2595 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LM2595 Datasheet HTML 9Page - ON Semiconductor LM2595 Datasheet HTML 10Page - ON Semiconductor LM2595 Datasheet HTML 11Page - ON Semiconductor LM2595 Datasheet HTML 12Page - ON Semiconductor LM2595 Datasheet HTML 13Page - ON Semiconductor LM2595 Datasheet HTML 14Page - ON Semiconductor LM2595 Datasheet HTML 15Page - ON Semiconductor LM2595 Datasheet HTML 16Page - ON Semiconductor LM2595 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM2595
http://onsemi.com
13
Table 3. INDUCTOR MANUFACTURERS PART NUMBERS
Inductance
(mH)
Current
(A)
Renco
Pulse Engineering
Coilcraft
Through Hole
Surface Mount
Through Hole
Surface Mount
Through Hole
Surface Mount
L4
68
0.32
RL−1284−68−43
RL1500−68
PE−53804
PE−53804−S
−
DO1608−68
L5
47
0.37
RL−1284−47−43
RL1500−47
PE−53805
PE−53805−S
−
DO1608−473
L6
33
0.44
RL−1284−33−43
RL1500−33
PE−53806
PE−53806−S
−
DO1608−333
L9
220
0.32
RL−5470−3
RL1500−220
PE−53809
PE−53809−S
−
DO3308−224
L10
150
0.39
RL−5470−4
RL1500−150
PE−53810
PE−53810−S
−
DO3308−154
L11
100
0.48
RL−5470−5
RL1500−100
PE−53811
PE−53811−S
−
DO3308−104
L12
68
0.58
RL−5470−6
RL1500−68
PE−53812
PE−53812−S
−
DO3308−683
L13
47
0.70
RL−5470−7
RL1500−47
PE−53813
PE−53813−S
−
DO3308−473
L14
33
0.83
RL−1284−33−43
RL1500−33
PE−53814
PE−53814−S
−
DO3308−333
L15
22
0.99
RL−1284−22−43
RL1500−22
PE−53815
PE−53815−S
−
DO3308−223
L16
15
1.24
RL−1284−15−43
RL1500−15
PE−53816
PE−53816−S
−
DO3308−153
L17
330
0.42
RL−5471−1
RL1500−330
PE−53817
PE−53817−S
−
DO3316−334
L18
220
0.55
RL−5471−2
RL1500−220
PE−53818
PE−53818−S
−
DO3316−224
L19
150
0.66
RL−5471−3
RL1500−150
PE−53819
PE−53819−S
−
DO3316−154
L20
100
0.82
RL−5471−4
RL1500−100
PE−53820
PE−53820−S
−
DO3316−104
L21
68
0.99
RL−5471−5
RL1500−68
PE−53821
PE−53821−S
−
DO3316−683
L22
47
1.17
RL−5471−6
−
PE−53822
PE−53822−S
−
DO3316−473
L23
33
1.40
RL−5471−7
−
PE−53823
PE−53823−S
−
DO3316−333
L24
22
1.70
RL−1283−22−43
−
PE−53824
PE−53824−S
RFB0810−220L
DO3316−223
L26
330
0.80
RL−5471−1
−
PE−53826
PE−53826−S
RFB0810−331L
DO3340P−334ML
L27
220
1.00
RL−5471−2
−
PE−53827
PE−53827−S
RFB0810−221L
DO3340P−224ML
L28
150
1.20
RL−5471−3
−
PE−53828
PE−53828−S
RFB0810−151L
DO3340P−154ML
L29
100
1.47
RL−5471−4
−
PE−53829
PE−53829−S
RFB0810−101L
DO3340P−104ML
L30
68
1.78
RL−5471−5
−
PE−53830
PE−53830−S
RFB0810−680L
DO3340P−683ML
L35
47
2.15
RL−5473−1
−
PE−53935
PE−53935−S
RFB0810−470L
DO3340P−473ML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com