Electronic Components Datasheet Search
  English  ▼

X  

LM2595 Datasheet(PDF) 21 Page - ON Semiconductor

Part # LM2595
Description  1.0 A, Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2595 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button LM2595 Datasheet HTML 17Page - ON Semiconductor LM2595 Datasheet HTML 18Page - ON Semiconductor LM2595 Datasheet HTML 19Page - ON Semiconductor LM2595 Datasheet HTML 20Page - ON Semiconductor LM2595 Datasheet HTML 21Page - ON Semiconductor LM2595 Datasheet HTML 22Page - ON Semiconductor LM2595 Datasheet HTML 23Page - ON Semiconductor LM2595 Datasheet HTML 24Page - ON Semiconductor LM2595 Datasheet HTML 25Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
LM2595
http://onsemi.com
21
Figure 31. 2 to 35 V Adjustable 1.0 A Power Supply with Low Output Ripple
D1
1N5822
L1
100
mH
Output
1
4
Feedback
R2
50 k
R1
1.21 k
L2
3
mH
Output
Voltage
2 to 35 V @ 1.0 A
Optional Output
Ripple Filter
40 V Max
Unregulated
DC Input
Cout
220
mF
C1
100
mF
Cin
100
mF
LM2595
2
5
3ON/OFF
GND
+Vin
CFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com