Electronic Components Datasheet Search
  English  ▼

X  

AM3715 Datasheet(PDF) 236 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 236 Page - Texas Instruments

Back Button AM3715 Datasheet HTML 232Page - Texas Instruments AM3715 Datasheet HTML 233Page - Texas Instruments AM3715 Datasheet HTML 234Page - Texas Instruments AM3715 Datasheet HTML 235Page - Texas Instruments AM3715 Datasheet HTML 236Page - Texas Instruments AM3715 Datasheet HTML 237Page - Texas Instruments AM3715 Datasheet HTML 238Page - Texas Instruments AM3715 Datasheet HTML 239Page - Texas Instruments AM3715 Datasheet HTML 240Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 280 page
background image
SWPS038-081
hsusbx_clk
hsusbx_stp
hsusbx_dir
and
hsusbx_nxt
hsusbx_data[7:0]
Data_OUT
Data_IN
HSU1
HSU0
HSU1
HSU4
HSU2
HSU2
HSU6
HSU3
HSU5
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 6-95. HSUSB1 and HSUSB2 Timing Requirements
—12-bit Master Mode(1) (2) (continued)
NO.
PARAMETER
OPP100
UNIT
MIN
MAX
HSU6
th(clkH-dV)
Hold time, input data hsusbx_data[7:0] valid after output clock
–0.52
ns
hsusbx_clk rising edge
(1) In hsusbx, x is equal to 1 or 2.
(2) See Section 4.3.4, Processor Clocks.
Table 6-96. HSUSB1 and HSUSB2 Switching Characteristics
—12-bit Master Mode(1) (3)
NO.
PARAMETER
OPP100
UNIT
MIN
MAX
HSU0
fp(clk)
Frequency, output clock hsusbx_clk
60
MHz
tJ(clk)
Jitter standard deviation(2), output clock hsusbx_clk
400
ps
HSU1
td(clkH-stpV)
Delay time, output clock hsusbx_clk rising edge to output stop signal
12.81
ns
hsusbx_stp valid
td(clkH-stpIV)
Delay time, output clock hsusbx_clk rising edge to output stop signal
1.95
ns
hsusbx_stp invalid
HSU2
td(clkH-dV)
Delay time, output clock hsusbx_clk rising edge to output data
12.81
ns
hsusbx_data[7:0] valid
td(clkH-dIV)
Delay time, output clock hsusbx_clk rising edge to output data
1.95
ns
hsusbx_data[7:0] invalid
tR(d)
Rise time, output data hsusbx_data[7:0]
0
ns
tF(d)
Fall time, output data hsusbx_data[7:0]
0
ns
(1) In hsusbx, x is equal to 1 or 2.
(2) The jitter probability density can be approximated by a Gaussian function.
(3) See Section 4.3.4, Processor Clocks.
(1)
In hsusbx, x is equal to 1 or 2.
Figure 6-52. HSUSB1 and HSUSB2
—12-bit Master Mode
6.6.5
Inter-Integrated Circuit Interface (I
2C)
NOTE
For more information, see Multimaster High-Speed I2C Controller chapter of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
The multi-master I2C peripheral provides an interface between two or more devices via an I2C serial bus.
236
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com