Electronic Components Datasheet Search
  English  ▼

X  

AM3715 Datasheet(PDF) 240 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 240 Page - Texas Instruments

Back Button AM3715 Datasheet HTML 236Page - Texas Instruments AM3715 Datasheet HTML 237Page - Texas Instruments AM3715 Datasheet HTML 238Page - Texas Instruments AM3715 Datasheet HTML 239Page - Texas Instruments AM3715 Datasheet HTML 240Page - Texas Instruments AM3715 Datasheet HTML 241Page - Texas Instruments AM3715 Datasheet HTML 242Page - Texas Instruments AM3715 Datasheet HTML 243Page - Texas Instruments AM3715 Datasheet HTML 244Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 280 page
background image
SWPS038-086
HDQ
t
B
t
BR
HDQ
First sampling time
Second sampling time
t
HW1
t
HW0
t
B
t
BR
SWPS038-122
SWPS038-087
HDQ
t
HW1
t
HW0
t
CYCH
SWPS038-088
HDQ
t
DW1
t
DW0
t
CYCD
SWPS038-089
HDQ
Break
0_(LSB)
1
6
7_(MSB)
t
RSPS
1
6
Command_byte_written
Data_byte_received
0_(LSB)
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 6-102. HDQ Write Switching Characteristics
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
tB
Break timing
190
μs
tBR
Break recovery time
40
μs
tCYCD
Write bit windows timing
190
μs
tDW1
Write one data valid after HDQ low
0.5
50
μs
tDW0
Write zero data hold after HDQ low
86
145
μs
Figure 6-55. HDQ Break and Break Recovery Timing
— HDQ Interface Writing to Slave
Figure 6-56. HDQ Break Detection
— HDQ Interface Reading Slave
Figure 6-57. HDQ Interface Bit Read Timing (Data)
Figure 6-58. HDQ Interface Bit Write Timing (Command/Address or Data)
Figure 6-59. HDQ
—Communication
6.6.6.2
HDQ/1-Wire
—1-Wire Mode
Table 6-103 and Table 6-104 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-60 through Figure 6-63).
240
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com