Electronic Components Datasheet Search
  English  ▼

X  

AM3715 Datasheet(PDF) 238 Page - Texas Instruments

Click here to check the latest version.
Part # AM3715
Description  AM3715/03 Applications Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3715 Datasheet(HTML) 238 Page - Texas Instruments

Back Button AM3715 Datasheet HTML 234Page - Texas Instruments AM3715 Datasheet HTML 235Page - Texas Instruments AM3715 Datasheet HTML 236Page - Texas Instruments AM3715 Datasheet HTML 237Page - Texas Instruments AM3715 Datasheet HTML 238Page - Texas Instruments AM3715 Datasheet HTML 239Page - Texas Instruments AM3715 Datasheet HTML 240Page - Texas Instruments AM3715 Datasheet HTML 241Page - Texas Instruments AM3715 Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 280 page
background image
SWPS038-084
i2cX_sda
i2cX_scl
START REPEAT
STOP
START
START
I1
I2
I3
I4
I5
I6
I6
I7
I8
SWPS038-085
i2cX_sda
i2cX_scl
STOP
START REPEAT
IH1
IH2
IH3
IH4
IH6
IH5
IH7
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
(1)
In i2cX, X is equal to 1, 2, 3, or 4.
Figure 6-53. I2C
—Standard and Fast Modes
6.6.5.2
I2C
—High-Speed Mode
Table 6-98. I2C
—High-Speed Mode
NO.
PARAMETER
MIN
MAX
UNIT
fscl
Frequency, clock i2cx_scl(3)
3.4(5)
MHz
I1
tw(sclH)
Pulse duration, clock i2cx_scl(3) high
60(1)
ns
I2
tw(sclL)
Pulse duration, clock i2cx_scl(3) low
160(1)
ns
I3
tsu(sdaV-sclH)
Setup time, data i2cx_sda(3) valid before clock i2cx_scl(3) active level
10
ns
I4
th(sclH-sdaV)
Hold time, data i2cx_sda(3) valid after clock i2cx_scl(3) active level
0(4)
70
ns
I5
tsu(sdaL-sclH)
Setup time, clock i2cx_scl(3) high after data i2cx_sda(3) low (for a
160
ns
START(2) condition or a repeated START condition)
I6
th(sclH-sdaH)
Hold time, data i2cx_sda(3) low level after clock i2cx_scl(3) high level
160
ns
(STOP condition)
I7
th(sclH-RSTART)
Hold time, data i2cx_sda(3) low level after clock i2cx_scl(3) high level
160
ns
(for a repeated START condition)
tR(scl)
Rise time, clock i2cx_scl(3)
10
40
ns
tR(scl)
Rise time, clock i2cx_scl(3) after a repeated START condition and after
10
80
ns
a bit acknowledge
tF(scl)
Fall time, clock i2cx_scl(3)
10
40
ns
tR(sda)
Rise time, data i2cx_sda(3)
10
80
ns
tF(sda)
Fall time, data i2cx_sda(3)
10
80
ns
CB
Capacitive load for each bus line
100
pF
(1) HS-mode master devices generate a serial clock signal with a high to low ratio of 1 to 2. tw(sclL) > 2 * tw(sclH).
(2) After this time, the first clock is generated.
(3) In i2cx, x is equal to 1, 2, 3, or 4. Note that I2C4 is master transmitter only.
(4) The device provides (via the I2C bus) a minimum hold time (= I2C_FCLK period x 4) for the i2cx_sda(3) signal (see the fall and rise times
of i2cx_scl(3)) to bridge the undefined region of the falling edge of i2cx_scl(3).
(5) The I2C4 clock frequency in high-speed mode is equal to the sys_xtalin input clock frequency divided by 15.
(1)
In i2cX, X is equal to 1, 2, 3, or 4.
Figure 6-54. I2C
—High-Speed Mode
238
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com