Electronic Components Datasheet Search
  English  ▼

X  

OPA330 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA330
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA330 Datasheet HTML 5Page - Texas Instruments OPA330 Datasheet HTML 6Page - Texas Instruments OPA330 Datasheet HTML 7Page - Texas Instruments OPA330 Datasheet HTML 8Page - Texas Instruments OPA330 Datasheet HTML 9Page - Texas Instruments OPA330 Datasheet HTML 10Page - Texas Instruments OPA330 Datasheet HTML 11Page - Texas Instruments OPA330 Datasheet HTML 12Page - Texas Instruments OPA330 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
CORE
-
In
+In
Clamp
10k
W
10k
W
5k
W
OPA330
10mAmax
+5V
V
IN
V
OUT
I
OVERLOAD
Current-limitingresistor
requiredifinputvoltage
exceedssupplyrailsby
³
0.3V.
OPA330
OPA2330
OPA4330
www.ti.com
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
APPLICATIONS INFORMATION
The OPA330, OPA2330, and OPA4330 are unity-gain
INPUT DIFFERENTIAL VOLTAGE
stable, precision operational amplifiers free from
The typical input bias current of the OPA330 during
unexpected output and phase reversal. The use of
normal
operation
is
approximately
200pA.
In
proprietary Zerø-Drift circuitry gives the benefit of low
over-driven conditions, the bias current can increase
input offset voltage over time and temperature, as
significantly (see Figure 17).The most common cause
well as lowering the 1/f noise component. As a result
of an over-driven condition occurs when the op amp
of the high PSRR, these devices work well in
is outside of the linear range of operation. When the
applications that run directly from battery power
output of the op amp is driven to one of the supply
without regulation. The OPA330 family is optimized
rails the feedback loop requirements cannot be
for
low-voltage,
single-supply
operation.
These
satisfied and a differential input voltage develops
miniature,
high-precision,
low
quiescent
current
across the input pins. This differential input voltage
amplifiers offer high-impedance inputs that have a
results in activation of parasitic diodes inside the front
common-mode range 100mV beyond the supplies
end input chopping switches that combine with 10k
Ω
and a rail-to-rail output that swings within 100mV of
electromagnetic interference (EMI) filter resistors to
the supplies under normal test conditions. The
create the equivalent circuit shown in Figure 19.
OPA330
series
are
precision
amplifiers
for
Notice that the input bias current remains within
cost-sensitive applications.
specification within the linear region.
OPERATING VOLTAGE
The OPA330 series op amps can be used with single
or dual supplies from an operating range of VS =
+1.8V (±0.9V) up to +5.5V (±2.75V). Supply voltages
greater than +7V can permanently damage the
device. See the Absolute Maximum Ratings table.
Key parameters that vary over the supply voltage or
Figure 19. Equivalent Input Circuit
temperature
range
are
shown
in
the
Typical
Characteristics section of this data sheet.
INTERNAL OFFSET CORRECTION
INPUT VOLTAGE
The OPA330, OPA2330, and OPA4330 op amps use
The
OPA330,
OPA2330,
and
OPA4330
input
an auto-calibration technique with a time-continuous
common-mode voltage range extends 0.1V beyond
125kHz op amp in the signal path. This amplifier is
the supply rails. The OPA330 is designed to cover
zero-corrected
every
8ms
using
a
proprietary
the full range without the troublesome transition
technique. Upon power-up, the amplifier requires
region found in some other rail-to-rail amplifiers.
approximately
100ms
to
achieve
specified
VOS
accuracy. This design has no aliasing or flicker noise.
Typically, input bias current is about 200pA; however,
input voltages exceeding the power supplies can
EMI SUSCEPTIBILITY AND INPUT FILTERING
cause excessive current to flow into or out of the
input pins. Momentary voltages greater than the
Operational amplifiers vary in their susceptibility to
power supply can be tolerated if the input current is
EMI.
If
conducted
EMI
enters
the
operational
limited to 10mA. This limitation is easily accomplished
amplifier, the dc offset observed at the amplifier
with an input resistor, as shown in Figure 18.
output may shift from its nominal value while the EMI
is present. This shift is a result of signal rectification
associated with the internal semiconductor junctions.
While all operational amplifier pin functions can be
affected by EMI, the input pins are likely to be the
most susceptible. The OPA330 operational amplifier
family incorporates an internal input low-pass filter
that reduces the amplifier response to EMI. Both
common-mode and differential mode filtering are
provided by the input filter. The filter is designed for a
cutoff frequency of approximately 8MHz (–3dB), with
a roll-off of 20dB per decade.
Figure 18. Input Current Protection
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA330 OPA2330 OPA4330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com