Electronic Components Datasheet Search
  English  ▼

X  

OPA330 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA330
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA330 Datasheet HTML 8Page - Texas Instruments OPA330 Datasheet HTML 9Page - Texas Instruments OPA330 Datasheet HTML 10Page - Texas Instruments OPA330 Datasheet HTML 11Page - Texas Instruments OPA330 Datasheet HTML 12Page - Texas Instruments OPA330 Datasheet HTML 13Page - Texas Instruments OPA330 Datasheet HTML 14Page - Texas Instruments OPA330 Datasheet HTML 15Page - Texas Instruments OPA330 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
OPA330
OPA2330
OPA4330
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
www.ti.com
PHOTOSENSITIVITY
The QFN and DFN package can be easily mounted
using standard PCB assembly techniques. See
Although the OPA330 YFF package has a protective
Application
Note
QFN/SON
PCB
Attachment
backside coating that reduces the amount of light
(SLUA271) and Application Report Quad Flatpack
exposure on the die, unless fully shielded, ambient
No-Lead Logic Packages (SCBA017), both available
light can reach the active region of the device. Input
for download at www.ti.com.
bias current for the package is specified in the
absence of light. Depending on the amount of light
The exposed leadframe die pad on the bottom of
exposure in a given application, an increase in bias
the package should be connected to V–.
current, and possible increases in offset voltage
should
be
expected.
Fluorescent
lighting
may
QFN AND DFN LAYOUT GUIDELINES
introduce noise or hum because of the time-varying
The leadframe die pad should be soldered to a
light output. Best layout practices include end-product
thermal pad on the PCB. A mechanical data sheet
packaging that provides shielding from possible light
showing an example layout is attached at the end of
sources during operation.
this data sheet. Refinements to this layout may be
required based on assembly process requirements.
QFN AND DFN PACKAGES
Mechanical drawings located at the end of this data
The OPA4330 is offered in a QFN package. The
sheet list the physical dimensions for the package
OPA2330 is available in a DFN-8 package (also
and pad. The five holes in the landing pattern are
known as SON), which is a QFN package with lead
optional, and are intended for use with thermal vias
contacts on only two sides of the bottom of the
that connect the leadframe die pad to the heatsink
package. These leadless, near-chip-scale packages
area on the PCB.
maximize board space and enhance thermal and
Soldering the exposed pad significantly improves
electrical characteristics through an exposed pad.
board-level reliability during temperature cycling, key
QFN and DFN packages are physically small, have a
push, package shear, and similar board-level tests.
smaller routing area, improved thermal performance,
Even
with
applications
that
have
low-power
and improved electrical parasitics, with a pinout
dissipation, the exposed pad must be soldered to the
scheme that is consistent with other commonly-used
PCB to provide structural integrity and long-term
packages, such as SOIC and MSOP. Additionally, the
reliability.
absence
of
external
leads
eliminates
bent-lead
issues.
12
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA330 OPA2330 OPA4330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com