Electronic Components Datasheet Search
  English  ▼

X  

OPA330 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA330
Description  50mV VOS, 0.25mV/째C, 35mA CMOS OPERATIONAL AMPLIFIERS Zer첩-Drift Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA330 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA330 Datasheet HTML 9Page - Texas Instruments OPA330 Datasheet HTML 10Page - Texas Instruments OPA330 Datasheet HTML 11Page - Texas Instruments OPA330 Datasheet HTML 12Page - Texas Instruments OPA330 Datasheet HTML 13Page - Texas Instruments OPA330 Datasheet HTML 14Page - Texas Instruments OPA330 Datasheet HTML 15Page - Texas Instruments OPA330 Datasheet HTML 16Page - Texas Instruments OPA330 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
OPA330
OPA2330
OPA4330
www.ti.com
SBOS432D – AUGUST 2008 – REVISED JUNE 2010
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (October 2009) to Revision D
Page
•
Added last Applications bullet ............................................................................................................................................... 1
•
Deleted footnote 1 from Product Family Package Comparison table ................................................................................... 1
•
Deleted footnote 2 and shading from all packages except QFN-14; moved WCSP-5, SOIC-14, and TSSOP-14
packages to Production Data status; and added package marking information to Package Information table ................... 2
•
Added OPA330YFF, OPA4330 Input Bias Current parameter to Electrical Characteristics table ....................................... 3
•
Added Input Voltage Range, OPA330YFF, OPA4330 Common-Mode Rejection Ratio parameter to Electrical
Characteristics table ............................................................................................................................................................. 3
•
Moved TSSOP-14 thermal resistance to MSOP-8, SOIC-8 thermal resistance parameter in Electrical Characteristics
table ...................................................................................................................................................................................... 4
•
Deleted SOIC-14 and QFN-14 rows from Temperature Range section in Electrical Characteristics table .......................... 4
Changes from Revision B (September, 2009) to Revision C
Page
•
Changed maximum quiescent current value (Features list, document title) to 35mA ........................................................... 1
•
Changed maximum value for Quiescent Current per Amplifier specification ....................................................................... 3
•
Added Application Circuits section ..................................................................................................................................... 10
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA330 OPA2330 OPA4330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com