Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5484 Datasheet HTML 13Page - Texas Instruments ADS5484 Datasheet HTML 14Page - Texas Instruments ADS5484 Datasheet HTML 15Page - Texas Instruments ADS5484 Datasheet HTML 16Page - Texas Instruments ADS5484 Datasheet HTML 17Page - Texas Instruments ADS5484 Datasheet HTML 18Page - Texas Instruments ADS5484 Datasheet HTML 19Page - Texas Instruments ADS5484 Datasheet HTML 20Page - Texas Instruments ADS5484 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
10
50
100
150
f -InputFrequency-MHz
IN
SNR-dBFS
200
250
300
10
20
40
140
60
80
100
120
160
180
210
62
64
68
66
70
72
M0048-08
74
74
74
74
73
73
73
72
72
72
70
70
70
76
76
75
75
75
78
75
75
75
68
68
75
74
73
73
66
64
74
74
74
76
200
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
SNR
vs
INPUT FREQUENCY AND SAMPLING FREQUENCY
Figure 28.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com