Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5484 Datasheet HTML 20Page - Texas Instruments ADS5484 Datasheet HTML 21Page - Texas Instruments ADS5484 Datasheet HTML 22Page - Texas Instruments ADS5484 Datasheet HTML 23Page - Texas Instruments ADS5484 Datasheet HTML 24Page - Texas Instruments ADS5484 Datasheet HTML 25Page - Texas Instruments ADS5484 Datasheet HTML 26Page - Texas Instruments ADS5484 Datasheet HTML 27Page - Texas Instruments ADS5484 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Clock Common-Mode Voltage − V
50
60
70
80
90
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G037
30.13 MHz
230.53 MHz
100.33 MHz
69.59 MHz
CLK = 200 MSPS
Clock Common-Mode Voltage − V
66
67
68
69
70
71
72
73
74
75
76
0.5
1.0
1.5
2.0
2.5
3.0
3.5
G038
CLK = 200 MSPS
30.13 MHz
100.33 MHz
69.59 MHz
230.53 MHz
Clock Duty Cycle − %
50
55
60
65
70
75
80
85
90
95
30
35
40
45
50
55
60
65
70
G039
170 MSPS (ADS5484)
200 MSPS (ADS5485)
30 MHz
230 MHz
130 MHz
ADS5484
ADS5485
SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009 ............................................................................................................................................... www.ti.com
Figure 42. SFDR versus Clock Common-Mode
Figure 43. SNR versus Clock Common-Mode
Voltage
Voltage
Figure 44. SFDR vs Clock Duty Cycle
The ADS5484 is capable of achieving 75.7 dBFS SNR at 130 MHz of analog input frequency. In order to achieve
the SNR at 130 MHz the clock source rms jitter (at the ADC clock input pins) must be at most 184 fsec in order
for the total rms jitter to be 201 fsec due to internal ADC aperture jitter of ~80 fsec. A summary of maximum
recommended rms clock jitter as a function of analog input frequency for the ADS5484 is provided in Table 3.
The equations used to create the table are presented and can be used to estimate required clock jitter for
virtually any pipeline ADC, but in particular, the ADS5481/5482/5483/5484/5485 family.
Table 3. Recommended Approximate RMS Clock Jitter for ADS5484
ANALOG INPUT FREQUENCY
MEASURED SNR
TOTAL JITTER
MAXIMUM CLOCK JITTER
(MHz)
(dBc)
(fsec rms)
(fsec rms)
10
76.8
2301
2299
30
75.9
851
847
70
75.7
373
364
130
75.7
201
184
170
75.6
155
133
230
74.9
124
95
24
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com